Electronic Components Datasheet Search
  English  ▼

X  

AMC1301DWVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1301DWVR
Description  Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1301DWVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1301DWVR Datasheet HTML 17Page - Texas Instruments AMC1301DWVR Datasheet HTML 18Page - Texas Instruments AMC1301DWVR Datasheet HTML 19Page - Texas Instruments AMC1301DWVR Datasheet HTML 20Page - Texas Instruments AMC1301DWVR Datasheet HTML 21Page - Texas Instruments AMC1301DWVR Datasheet HTML 22Page - Texas Instruments AMC1301DWVR Datasheet HTML 23Page - Texas Instruments AMC1301DWVR Datasheet HTML 24Page - Texas Instruments AMC1301DWVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21
AMC1301
www.ti.com
SBAS667D – APRIL 2016 – REVISED JANUARY 2017
Product Folder Links: AMC1301
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Applications (continued)
9.2.1.1 Design Requirements
Table 1 lists the parameters for the typical application in Figure 49.
Table 1. Design Requirements
PARAMETER
VALUE
High-side supply voltage
3.3 V or 5 V
Low-side supply voltage
3.3 V or 5 V
Voltage drop across the shunt for a linear response
± 250 mV (maximum)
9.2.1.2 Detailed Design Procedure
The high-side power supply (VDD1) for the AMC1301 device is derived from the power supply of the upper gate
driver. Further details are provided in the Power Supply Recommendations section.
The floating ground reference (GND1) is derived from one of the ends of the shunt resistor that is connected to
the negative input of the AMC1301 device (VINN). If a four-pin shunt is used, the inputs of the AMC1301 device
are connected to the inner leads and GND1 is connected to one of the outer shunt leads.
Use Ohm's Law to calculate the voltage drop across the shunt resistor (VSHUNT) for the desired measured
current: VSHUNT = I × RSHUNT.
Consider the following two restrictions to choose the proper value of the shunt resistor RSHUNT:
•
The voltage drop caused by the nominal current range must not exceed the recommended differential input
voltage range: VSHUNT ≤ ± 250 mV
•
The voltage drop caused by the maximum allowed overcurrent must not exceed the input voltage that causes
a clipping output: VSHUNT ≤ VClipping
For best performance, use an RC filter (components R2, R3, and C3 in Figure 49) to minimize the noise of the
differential output signal. Tailor the bandwidth of this RC filter to the bandwidth requirement of the system. TI
recommends an NP0-type capacitor to be used for C3.
For more information on the general procedure to design the filtering and driving stages of SAR ADCs, consult
the TI Precision Designs 18-Bit, 1MSPS Data Acquisition Block (DAQ) Optimized for Lowest Distortion and Noise
(SLAU515) and 18-Bit Data Acquisition Block (DAQ) Optimized for Lowest Power (SLAU513), available for
download at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com