Electronic Components Datasheet Search
  English  ▼

X  

AMC1301DWVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1301DWVR
Description  Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1301DWVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC1301DWVR Datasheet HTML 4Page - Texas Instruments AMC1301DWVR Datasheet HTML 5Page - Texas Instruments AMC1301DWVR Datasheet HTML 6Page - Texas Instruments AMC1301DWVR Datasheet HTML 7Page - Texas Instruments AMC1301DWVR Datasheet HTML 8Page - Texas Instruments AMC1301DWVR Datasheet HTML 9Page - Texas Instruments AMC1301DWVR Datasheet HTML 10Page - Texas Instruments AMC1301DWVR Datasheet HTML 11Page - Texas Instruments AMC1301DWVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
8
AMC1301
SBAS667D – APRIL 2016 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: AMC1301
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Minimum and maximum specifications apply from TA = –40°C to +125°C, VDD1 = 3.0 V to 5.5 V, VDD2 = 3.0 V to 5.5 V,
VINP = –250 mV to +250 mV, and VINN = 0 V. Typical specifications are at TA = 25°C, VDD1 = 5 V, and VDD2 = 3.3 V
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
Nominal gain
8.2
EG
Gain error
Initial, at TA = 25°C
–0.3%
±0.05%
0.3%
TCEG
Gain error drift
–50
±15
50 ppm/°C
Nonlinearity
–0.03%
±0.01%
0.03%
Nonlinearity drift
1
ppm/°C
THD
Total harmonic distortion
fIN = 10 kHz
–87
dB
Output noise
VINP = VINN = GND1, fIN = 0 Hz,
BW = 100 kHz
220
μVRMS
SNR
Signal-to-noise ratio
fIN = 1 kHz, BW = 10 kHz
80
84
dB
fIN = 10 kHz, BW = 100 kHz
71
PSRR
Power-supply rejection ratio
vs VDD1, at dc
–94
dB
vs VDD1, 100-mV and 10-kHz ripple
–90
vs VDD2, at dc
–100
vs VDD2, 100-mV and 10-kHz ripple
–94
tr
Rise time
See Figure 45
2.0
µs
tf
Fall time
See Figure 45
2.0
µs
VIN to VOUT signal delay (50% – 10%)
See Figure 46, unfiltered output
0.7
2.0
µs
VIN to VOUT signal delay (50% – 50%)
See Figure 46, unfiltered output
1.6
2.6
µs
VIN to VOUT signal delay (50% – 90%)
See Figure 46, unfiltered output
2.5
3.0
µs
CMTI
Common-mode transient immunity
|GND1 – GND2| = 1 kV
15
kV/µs
VCMout
Common-mode output voltage
1.39
1.44
1.49
V
Output short-circuit current
±13
mA
ROUT
Output resistance
on VOUTP or VOUTN
< 0.2
Ω
BW
Output bandwidth
190
210
kHz
VFAILSAFE Failsafe differential output voltage
VCM ≥ VCMov, or VDD1 missing
–2.563
–2.545
V
POWER SUPPLY
IDD1
High-side supply current
3.0 V
≤ VDD1 ≤ 3.6 V
5.0
6.9
mA
4.5 V
≤ VDD1 ≤ 5.5 V
5.9
8.3
IDD2
Low-side supply current
3.0 V
≤ VDD2 ≤ 3.6 V
4.4
5.6
mA
4.5 V
≤ VDD2 ≤ 5.5 V
4.8
6.5
PDD1
High-side power dissipation
3.0 V
≤ VDD1 ≤ 3.6 V
16.5
24.84
mW
4.5 V
≤ VDD1 ≤ 5.5 V
29.5
45.65
PDD2
Low-side power dissipation
3.0 V
≤ VDD2 ≤ 3.6 V
14.52
20.16
mW
4.5 V
≤ VDD2 ≤ 5.5 V
24
35.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com