Electronic Components Datasheet Search
  English  ▼

X  

AMC1301DWVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1301DWVR
Description  Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1301DWVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1301DWVR Datasheet HTML 9Page - Texas Instruments AMC1301DWVR Datasheet HTML 10Page - Texas Instruments AMC1301DWVR Datasheet HTML 11Page - Texas Instruments AMC1301DWVR Datasheet HTML 12Page - Texas Instruments AMC1301DWVR Datasheet HTML 13Page - Texas Instruments AMC1301DWVR Datasheet HTML 14Page - Texas Instruments AMC1301DWVR Datasheet HTML 15Page - Texas Instruments AMC1301DWVR Datasheet HTML 16Page - Texas Instruments AMC1301DWVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
VDDx (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
-0.03
-0.025
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
0.025
0.03
D025
vs VDD1
vs VDD2
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.03
-0.025
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
0.025
0.03
D026
Device 1
Device 2
Device 3
Differential Input Voltage (mV)
-350
-250
-150
-50
50
150
250
350
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D022
VOUTP
VOUTN
Differential Input Voltage (mV)
-250 -200 -150 -100
-50
0
50
100
150
200
250
-0.03
-0.025
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
0.025
0.03
D024
TCEG (ppm/qC)
0
10
20
30
40
50
60
70
80
90
D020
TCEG (ppm/qC)
0
10
20
30
40
50
60
70
80
90
D021
13
AMC1301
www.ti.com
SBAS667D – APRIL 2016 – REVISED JANUARY 2017
Product Folder Links: AMC1301
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at VDD1 = 5 V, VDD2 = 3.3 V, VINP = –250 mV to 250 mV, VINN = 0 V, and fIN = 10 kHz (unless otherwise noted)
VDD1 = 3.3 V
Figure 22. Gain Error Drift Histogram
VDD1 = 5 V
Figure 23. Gain Error Drift Histogram
Figure 24. Output Voltage vs Input Voltage
Figure 25. Nonlinearity vs Input Voltage
Figure 26. Nonlinearity vs Supply Voltage
Figure 27. Nonlinearity vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com