Electronic Components Datasheet Search
  English  ▼

X  

AD670 Datasheet(PDF) 6 Page - Analog Devices

Part # AD670
Description  Low Cost Signal Conditioning 8-Bit ADC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD670 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD670 Datasheet HTML 2Page - Analog Devices AD670 Datasheet HTML 3Page - Analog Devices AD670 Datasheet HTML 4Page - Analog Devices AD670 Datasheet HTML 5Page - Analog Devices AD670 Datasheet HTML 6Page - Analog Devices AD670 Datasheet HTML 7Page - Analog Devices AD670 Datasheet HTML 8Page - Analog Devices AD670 Datasheet HTML 9Page - Analog Devices AD670 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AD670
REV. A
–5–
CONNECTING THE AD670
The AD670 has been designed for ease of use. All active com-
ponents required to perform a complete A/D conversion are on
board and are connected internally. In addition, all calibration
trims are performed at the factory, assuring specified accuracy
without user trims. There are, however, a number of options
and connections that should be considered to obtain maximum
flexibility from the part.
INPUT CONNECTIONS
Standard connections are shown in the figures that follow. An
input range of 0 V to 2.55 V may be configured as shown in Fig-
ure 2a. This will provide a one LSB change for each 10 mV of
input change. The input range of 0 mV to 255 mV is configured
as shown in Figure 2b. In this case, each LSB represents 1 mV
of input change. When unipolar input signals are used, Pin 11,
BPO/UPO, should be grounded. Pin 11 selects the input format
for either unipolar or bipolar signals. Figures 3a and 3b show
the input connections for bipolar signals. Pin 11 should be tied
to +VCC for bipolar inputs.
Although the instrumentation amplifier has a differential input,
there must be a return path to ground for the bias currents. If it
is not provided, these currents will charge stray capacitances
and cause internal circuit nodes to drift uncontrollably causing
the digital output to change. Such a return path is provided in
Figures 2a and 3a (larger input ranges) since the 1k resistor leg
is tied to ground. This is not the case for Figures 2b and 3b (the
lower input ranges). When connecting the AD670 inputs to
floating sources, such as transformers and ac-coupled sources,
there must still be a dc path from each input to common. This
can be accomplished by connecting a 10 k
Ω resistor from each
input to ground.
2a. 0 V to 2.55 V (10 mV/LSB)
2b. 0 mV to 255 mV (1 mV/LSB)
NOTE: PIN 11, BPO/UPO SHOULD BE LOW WHEN
CONVERSION IS STARTED.
Figure 2. Unipolar Input Connections
3a.
±1.28 V Range
3b.
±128 mV Range
NOTE: PIN 11, BPO/UPO SHOULD BE HIGH WHEN
CONVERSION IS STARTED.
Figure 3. Bipolar Input Connections
Bipolar Operation
Through special design of the instrumentation amplifier, the
AD670 accommodates input signal excursions below ground,
even though it operates from a single 5 V supply. To the user,
this means that true bipolar input signals can be used without
the need for any additional external components. Bipolar signals
can be applied differentially across both inputs, or one of the in-
puts can be grounded and a bipolar signal applied to the other.
Common-Mode Performance
The AD670 is designed to reject dc and ac common-mode volt-
ages. In some applications it is useful to apply a differential in-
put signal VIN in the presence of a dc common-mode voltage
VCM. The user must observe the absolute input signal limits
listed in the specifications, which represent the maximum volt-
age VIN + VCM that can be applied to either input without affect-
ing proper operation. Exceeding these limits (within the range of
absolute maximum ratings), however, will not cause permanent
damage.
The excellent common-mode rejection of the AD670 is due to
the instrumentation amplifier front end, which maintains the
differential signal until it reaches the output of the comparator.
In contrast to a standard operational amplifier, the instrumenta-
tion amplifier front end provides significantly improved CMRR
over a wide frequency range (Figure 4a).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com