Electronic Components Datasheet Search
  English  ▼

X  

AD670 Datasheet(PDF) 9 Page - Analog Devices

Part # AD670
Description  Low Cost Signal Conditioning 8-Bit ADC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD670 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD670 Datasheet HTML 5Page - Analog Devices AD670 Datasheet HTML 6Page - Analog Devices AD670 Datasheet HTML 7Page - Analog Devices AD670 Datasheet HTML 8Page - Analog Devices AD670 Datasheet HTML 9Page - Analog Devices AD670 Datasheet HTML 10Page - Analog Devices AD670 Datasheet HTML 11Page - Analog Devices AD670 Datasheet HTML 12Page - Analog Devices AD670 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AD670
REV. A
–8–
Figure 8. Write/Convert Start Timing
The R/W line is used to direct the converter to start a conver-
sion (R/W low) or read data (R/W high). The relative sequenc-
ing of the three control signals (R/W, CE, CS) is unimportant.
However, when all three signals remain low for at least 300 ns
(tW), STATUS will go high to signal that a conversion is taking
place.
Once a conversion is started and the STATUS line goes high,
convert start commands will be ignored until the conversion
cycle is complete. The output data buffer cannot be enabled
during a conversion.
Read Cycle
Figure 9 shows the timing for the data read operation. The data
outputs are in a high impedance state until a read cycle is initi-
ated. To begin the read cycle, R/W is brought high. During a
read cycle, the minimum pulse length for CE and CS is a func-
tion of the length of time required for the output data to be
valid. The data becomes valid and is available to the data bus in
a maximum of 250 ns. This delay between the high impedance
state and valid data is the maximum bus access time or tTD.
Bringing CE or CS high during valid data ends the read cycle.
The outputs remain valid for a minimum of 25 ns (tDH) and re-
turn to the high impedance state after a delay, tDT, of 150 ns
maximum.
Figure 9. Read Cycle Timing
STAND-ALONE OPERATION
The AD670 can be used in a “stand-alone” mode, which is use-
ful in systems with dedicated input ports available. Two typical
conditions are described and illustrated by the timing diagrams
which follow.
Single Conversion, Single Read
When the AD670 is used in a stand-alone mode, CS and CE
should be tied together. Conversion will be initiated by bringing
R/W low. Within 700 ns, a conversion will begin. The R/W
pulse should be brought high again once the conversion has
started so that the data will be valid upon completion of the
conversion. Data will remain valid until CE and CS are brought
high to indicate the end of the read cycle or R/W goes low. The
timing diagram is shown in Figure 10.
Figure 10. Stand-Alone Mode Single Conversion/
Single Read
Continuous Conversion, Single Read
A variety of applications may call for the A/D to be read after
several conversions. In process control systems, this is often the
case since a reading from a sensor may only need to be updated
every few conversions. Figure 11 shows the timing relationships.
Once again, CE and CS should be tied together. Conversion
will begin when the R/W signal is brought low. The device will
convert repeatedly as indicated by the status line. A final con-
version will take place once the R/W line has been brought high.
The rising edge of R/W must occur while STATUS is high. R/W
should not return high while STATUS is low since the circuit is
in a reset state prior to the next conversion. Since the rising
edge of R/W must occur while STATUS is high, R/W’s length
must be a minimum of 10.25
µs (t
C + tTD). Data becomes valid
upon completion of the conversion and will remain so until the
CE
and CS lines are brought high indicating the end of the read
cycle or R/W goes low initiating a new series of conversions.
Figure 11. Stand-Alone Mode Continuous Conversion/
Single Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com