Electronic Components Datasheet Search
  English  ▼

X  

AD670 Datasheet(PDF) 7 Page - Analog Devices

Part # AD670
Description  Low Cost Signal Conditioning 8-Bit ADC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD670 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD670 Datasheet HTML 3Page - Analog Devices AD670 Datasheet HTML 4Page - Analog Devices AD670 Datasheet HTML 5Page - Analog Devices AD670 Datasheet HTML 6Page - Analog Devices AD670 Datasheet HTML 7Page - Analog Devices AD670 Datasheet HTML 8Page - Analog Devices AD670 Datasheet HTML 9Page - Analog Devices AD670 Datasheet HTML 10Page - Analog Devices AD670 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AD670
REV. A
–6–
Table I. AD670 Input Selection/Output Format Truth Table
INPUT RANGE/
BPO/UPO
FORMAT
OUTPUT FORMAT
0
0
Unipolar/Straight Binary
1
0
Bipolar/Offset Binary
0
1
Unipolar/2s Complement
1
1
Bipolar/2s Complement
DIFF
STRAIGHT BINARY
+VIN
–VIN
VIN
(FORMAT = 0, BPO/UPO = 0)
0
0
0
0000 0000
128 mV
0
128 mV
1000 0000
255 mV
0
255 mV
1111 1111
255 mV
255 mV
0
0000 0000
128 mV
127 mV
1 mV
0000 0001
128 mV
–127 mV
255 mV
1111 1111
Figure 5a. Unipolar Output Codes (Low Range)
OFFSET BINARY 2s COMPLEMENT
DIFF
(FORMAT = 0,
(FORMAT = 1,
+VIN
–VIN
VIN
BPO/UPO = 1)
BPO/UPO = 1)
0
0
0
1000 0000
0000 0000
127 mV
0
127 mV
1111 1111
0111 1111
1.127 V
1.000 V
127 mV
1111 1111
0111 1111
255 mV
255 mV
0
1000 0000
0000 0000
128 mV
127 mV
1 mV
1000 0001
0000 0001
127 mV
128 mV
–1 mV
0111 1111
1111 1111
127 mV
255 mV
–128 mV
0000 0000
1000 0000
–128 mV 0
–128 mV
0000 0000
1000 0000
Figure 5b. Bipolar Output Codes (Low Range)
Calibration
Because of its precise factory calibration, the AD670 is intended
to be operated without user trims for gun and offset; therefore,
no provisions have been made for such user trims. Figures 6a,
6b, and 6c show the transfer curves at zero and full scale for the
unipolar and bipolar modes. The code transitions are positioned
so that the desired value is centered at that code. The first LSB
transition for the unipolar mode occurs for an input of +1/2 LSB
(5 mV or 0.5 mV). Similarly, the MSB transition for the bipolar
mode is set at –1/2 LSB (–5 mV or –0.5 mV). The full scale
transition is located at the full scale value –1 1/2 LSB. These
values are 2.545 V and 254.5 mV.
6a. Unipolar Transfer Curve
Figure 4a. CMRR Over Frequency
Figure 4b. AD670 Input Rejects Common-Mode
Ground Noise
Good common-mode performance is useful in a number of situ-
ations. In bridge-type transducer applications, such performance
facilitates the recovery of differential analog signals in the pres-
ence of a dc common-mode or a noisy electrical environment.
High frequency CMRR also becomes important when the ana-
log signal is referred to a noisy, remote digital ground. In each
case, the CMRR specification of the AD670 allows the integrity
of the input signal to be preserved.
The AD670’s common-mode voltage tolerance allows great
flexibility in circuit layout. Most other A/D converters require
the establishment of one point as the analog reference point.
This is necessary in order to minimize the effects of parasitic
voltages. The AD670, however, eliminates the need to make the
analog ground reference point and A/D analog ground one and
the same. Instead, a system such as that shown in Figure 4b is
possible as a result of the AD670’s common-mode performance.
The resistors and inductors in the ground return represent un-
avoidable system parasitic impedances.
Input/Output Options
Data output coding (2s complement vs. straight binary) is
selected using Pin 12, the FORMAT pin. The selection of
input format (bipolar vs. unipolar) is controlled using Pin 11,
BPO/UPO. Prior to a write/convert, the state of FORMAT and
BPO/UPO should be available to the converter. These lines may
be tied to the data bus and may be changed with each conver-
sion if desired. The configurations are shown in Table I. Output
coding for representative signals in each of these configurations
is shown in Figure 5.
An output signal, STATUS, indicates the status of the conver-
sion. STATUS goes high at the beginning of the conversion and
returns low when the conversion cycle has been completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com