Electronic Components Datasheet Search
  English  ▼

X  

OP270GS Datasheet(PDF) 8 Page - Analog Devices

Part # OP270GS
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GS Datasheet(HTML) 8 Page - Analog Devices

Back Button OP270GS Datasheet HTML 4Page - Analog Devices OP270GS Datasheet HTML 5Page - Analog Devices OP270GS Datasheet HTML 6Page - Analog Devices OP270GS Datasheet HTML 7Page - Analog Devices OP270GS Datasheet HTML 8Page - Analog Devices OP270GS Datasheet HTML 9Page - Analog Devices OP270GS Datasheet HTML 10Page - Analog Devices OP270GS Datasheet HTML 11Page - Analog Devices OP270GS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
OP270
Rev. F | Page 7 of 20
7
6
2
3
4
5
TEMPERATURE (°C)
VS = ±15V
VCM = 0V
–75
–50
–25
25
50
75
100
125
0
Figure 9. Input Bias Current vs. Temperature
5
4
0
1
2
3
TEMPERATURE (°C)
VS = ±15V
VCM = 0V
–75
–50
–25
25
50
75
100
125
0
Figure 10. Input Offset Current vs. Temperature
7
6
2
3
4
5
COMMON-MODE VOLTAGE (V)
–12.5
–7.5
–2.5
2.5
–10.0
–5.0
0
5.0
7.5
12.5
10.0
TA = +25°C
VS = ±15V
Figure 11. Input Bias Current vs. Common-Mode Voltage
130
100
110
120
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
1
10
1k
10k
100k
1M
100
TA = 25°C
VS = ±15V
Figure 12. CMR vs. Frequency
6
4
5
3
2
0
±5
±10
±15
±20
SUPPLY VOLTAGE (V)
+125°C
+25°C
–55°C
Figure 13. Total Supply Current vs. Supply Voltage
8
7
2
1
0
3
4
5
6
TEMPERATURE (°C)
VS = ±15V
–75
–50
–25
25
50
75
100
125
0
Figure 14. Total Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com