Electronic Components Datasheet Search
  English  ▼

X  

OP270GS Datasheet(PDF) 1 Page - Analog Devices

Part # OP270GS
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GS Datasheet(HTML) 1 Page - Analog Devices

  OP270GS Datasheet HTML 1Page - Analog Devices OP270GS Datasheet HTML 2Page - Analog Devices OP270GS Datasheet HTML 3Page - Analog Devices OP270GS Datasheet HTML 4Page - Analog Devices OP270GS Datasheet HTML 5Page - Analog Devices OP270GS Datasheet HTML 6Page - Analog Devices OP270GS Datasheet HTML 7Page - Analog Devices OP270GS Datasheet HTML 8Page - Analog Devices OP270GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Dual Very Low Noise Precision
Operational Amplifier
Data Sheet
OP270
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2001–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Very low noise density of 5 nV/√Hz at 1 kHz maximum
Excellent input offset voltage of 75 μV maximum
Low offset voltage drift of 1 μV/°C maximum
Very high gain of 1500 V/mV minimum
Outstanding CMR of 106 dB minimum
Slew rate of 2.4 V/μs typical
Gain bandwidth product of 5 MHz typical
Industry-standard 8-lead dual pinout
FUNCTIONAL BLOCK DIAGRAMS
–IN A 1
+IN A 2
NC 3
V– 4
OUT A
16
NC
15
NC
14
V+
13
NC 5
NC
12
+IN B 6
NC
11
–IN B 7
OUT B
10
NC 8
NC
9
NC = NO CONNECT
OP270
Figure 1. 16-Lead SOIC
(S-Suffix)
OP270
OUT A
AB
1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
Figure 2. 8-Lead PDIP (P-Suffix)
8-Lead CERDIP
(Z-Suffix)
GENERAL DESCRIPTION
The OP270 is a high performance, monolithic, dual operational
amplifier with exceptionally low voltage noise density (5 nV/√Hz
maximum at 1 kHz). It offers comparable performance to the
industry-standard OP27 from Analog Devices, Inc.
The OP270 features an input offset voltage of less than 75 μV
and an offset drift of less than 1 μV/°C, guaranteed over the full
military temperature range. Open-loop gain of the OP270 is more
than 1,500,000 into a 10 kΩ load, ensuring excellent gain accuracy
and linearity, even in high gain applications. The input bias
current is less than 20 nA, which reduces errors due to signal
source resistance. With a common-mode rejection (CMR) of
greater than 106 dB and a power supply rejection ratio (PSRR)
of less than 3.2 μV/V, the OP270 significantly reduces errors
due to ground noise and power supply fluctuations. The power
consumption of the dual OP270 is one-third less than two OP27
devices, a significant advantage for power conscious applications.
The OP270 is unity-gain stable with a gain bandwidth product
of 5 MHz and a slew rate of 2.4 V/μs.
The OP270 offers excellent amplifier matching, which is
important for applications such as multiple gain blocks, low
noise instrumentation amplifiers, dual buffers, and low noise
active filters.
The OP270 conforms to the industry-standard 8-lead CERDIP
and PDIP pinouts.
For higher speed applications, the ADA4004-2 or the AD8676
are recommended. For a quad op amp, see the OP470 data sheet.


Similar Part No. - OP270GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP270GS AD-OP270GS Datasheet
525Kb / 16P
Dual Very Low Noise Precision Operational Amplifier
4/03-Data Sheet changed from REV. B to REV. C.
OP270GS AD-OP270GS Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270GS-REEL AD-OP270GS-REEL Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270GSZ-REEL2 AD-OP270GSZ-REEL2 Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270GSZ2 AD-OP270GSZ2 Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
More results

Similar Description - OP270GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP-270 AD-OP-270 Datasheet
601Kb / 16P
DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
Analog Devices
OP270 AD-OP270 Datasheet
525Kb / 16P
Dual Very Low Noise Precision Operational Amplifier
4/03-Data Sheet changed from REV. B to REV. C.
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
Dual, Low Noise, Wideband, Precision Operational Amplifier
September 2001
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
Precision Low Noise Operational Amplifier
July 12, 2011
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com