Electronic Components Datasheet Search
  English  ▼

X  

OP270GS Datasheet(PDF) 13 Page - Analog Devices

Part # OP270GS
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GS Datasheet(HTML) 13 Page - Analog Devices

Back Button OP270GS Datasheet HTML 9Page - Analog Devices OP270GS Datasheet HTML 10Page - Analog Devices OP270GS Datasheet HTML 11Page - Analog Devices OP270GS Datasheet HTML 12Page - Analog Devices OP270GS Datasheet HTML 13Page - Analog Devices OP270GS Datasheet HTML 14Page - Analog Devices OP270GS Datasheet HTML 15Page - Analog Devices OP270GS Datasheet HTML 16Page - Analog Devices OP270GS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
OP270
Data Sheet
Rev. F | Page 12 of 20
APPLICATIONS INFORMATION
VOLTAGE AND CURRENT NOISE
The OP270 is a very low noise dual op amp, exhibiting a typical
voltage noise density of only 3.2 nV/√Hz at 1 kHz. Because the
voltage noise is inversely proportional to the square root of the
collector current, the exceptionally low noise characteristic of
the OP270 is achieved in part by operating the input transistors
at high collector currents. Current noise, however, is directly
proportional to the square root of the collector current. As a
result, the outstanding voltage noise density performance of the
OP270 is gained at the expense of current noise performance,
which is normal for low noise amplifiers.
To obtain the best noise performance in a circuit, it is vital to
understand the relationships among voltage noise (en), current
noise (in), and resistor noise (et).
TOTAL NOISE AND SOURCE RESISTANCE
The total noise of an op amp can be calculated by
2
2
2
)
(
)
(
)
(
t
s
n
n
n
e
R
i
e
E
where:
En is the total input-referred noise.
en is the op amp voltage noise.
in is the op amp current noise.
et is the source resistance thermal noise.
RS is the source resistance.
The total noise is referred to the input and at the output is
amplified by the circuit gain.
Figure 32 shows the relationship between total noise at 1 kHz
and source resistance. When RS is less than 1 kΩ, the total noise
is dominated by the voltage noise of the OP270. As RS rises
above 1 kΩ, total noise increases and is dominated by resistor
noise rather than by the voltage or current noise of the OP270.
When RS exceeds 20 kΩ, the current noise of the OP270
becomes the major contributor to total noise.
100
10
1
100
1k
10k
100k
SOURCE RESISTANCE (Ω)
RESISTOR
NOISE ONLY
OP200
OP270
Figure 32. Total Noise vs. Source Resistance
(Including Resistor Noise) at 1 kHz
Figure 33 also shows the relationship between total noise and
source resistance, but at 10 Hz. Total noise increases more
quickly than shown in Figure 32 because current noise is
inversely proportional to the square root of frequency. In
Figure 33, the current noise of the OP270 dominates the total
noise when RS is greater than 5 kΩ.
Figure 32 and Figure 33 show that to reduce total noise, source
resistance must be kept to a minimum. In applications with a
high source resistance, the OP200, with lower current noise
than the OP270, can provide lower total noise.
100
10
1
100
1k
10k
100k
SOURCE RESISTANCE (Ω)
RESISTOR
NOISE ONLY
OP200
OP270
Figure 33. Total Noise vs. Source Resistance
(Including Resistor Noise) at 10 Hz
Figure 34 shows peak-to-peak noise vs. source resistance over
the 0.1 Hz to 10 Hz range. At low values of RS, the voltage noise
of the OP270 is the major contributor to peak-to-peak noise,
with current noise becoming the major contributor as RS
increases. The crossover point between the OP270 and the
OP200 for peak-to-peak noise is at a source resistance of 17 kΩ.
1k
100
10
100
1k
10k
100k
SOURCE RESISTANCE (Ω)
RESISTOR
NOISE ONLY
OP200
OP270
Figure 34. Peak-to-Peak Noise (0.1 Hz to 10 Hz) vs. Source Resistance
(Including Resistor Noise)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com