Electronic Components Datasheet Search
  English  ▼

X  

OP270GSZ Datasheet(PDF) 19 Page - Analog Devices

Part # OP270GSZ
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GSZ Datasheet(HTML) 19 Page - Analog Devices

Back Button OP270GSZ Datasheet HTML 13Page - Analog Devices OP270GSZ Datasheet HTML 14Page - Analog Devices OP270GSZ Datasheet HTML 15Page - Analog Devices OP270GSZ Datasheet HTML 16Page - Analog Devices OP270GSZ Datasheet HTML 17Page - Analog Devices OP270GSZ Datasheet HTML 18Page - Analog Devices OP270GSZ Datasheet HTML 19Page - Analog Devices OP270GSZ Datasheet HTML 20Page - Analog Devices OP270GSZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
OP270
Data Sheet
Rev. F | Page 18 of 20
VINB
1
19
18
WRITE
CONTROL
20
6
5
7
3
23
21
VDD
DAC8221P
2
8
4
DGND
5
1/2
OP270GP
1/2
OP270EZ
DAC B
DAC A
+5V
0.01µF
+15V
10µF
–
+
–15V
10µF
–
+
0.1µF
24
22
1
IOUTB
2
IOUTA
AGND
VREFB
4
VREFA
VOUTB
VOUTA
20MΩ
20MΩ
DAC DATA BUS
PINS 6 (MSB) TO 17 (LSB)
RFBB
VINA
3
RFBA
Figure 46. Dual Programmable Gain Amplifier
BIAS
V–
–IN
V+
OUT
+IN
Figure 47. Simplified Schematic
(One of Two Amplifiers Is Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com