Electronic Components Datasheet Search
  English  ▼

X  

TS68332 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TS68332
Description  High performance 32-bit integrated microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TS68332 Datasheet HTML 9Page - ATMEL Corporation TS68332 Datasheet HTML 10Page - ATMEL Corporation TS68332 Datasheet HTML 11Page - ATMEL Corporation TS68332 Datasheet HTML 12Page - ATMEL Corporation TS68332 Datasheet HTML 13Page - ATMEL Corporation TS68332 Datasheet HTML 14Page - ATMEL Corporation TS68332 Datasheet HTML 15Page - ATMEL Corporation TS68332 Datasheet HTML 16Page - ATMEL Corporation TS68332 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
13
TS68332
2118A–HIREL–03/02
7. The RAM module will not switch into standby mode as long as V
SB does not exceed VDD by more than 0.5-volt.
The RAM array cannot be accessed while the module is in standby mode.
8. WhenVDD is transitioning during power-up or power-down sequence, and VSB is applied,current flows between the VSTBY
and V
DD pins, which causes standby current to increase toward the maximum transient condition specification. System noise
on the V
DD and VSTBY pins can contribute to this condition.
9. Power dissipationmeasured at specifiedsystem clockfrequency, allmodules active. Power dissipation can be calculated
using the expression:
P
D = Maximum VDD (IDD + IDDSYN + ISB)
I
DD includes supply currents for all device modules powered by VDDE and VDDI pins.
10. This parameter is periodically sampled rather than 100% tested.
Dynamic (Switching)
Characteristics
The INTERVAL numbers refer to the timing diagram.
Sp
Notes:
1. All internal registers retain data at 0 Hz.
2. This parameter is periodically sampled rather than 100% tested.
3. Assumes that a low-leakage external filter network is used to condition clock synthesizer input voltage. Total external resis-
tance from XFC pin due to external leakage must be greater than 15 M
Ω to guarantee this specification. Filter network
geometry can vary depending upon operating environment.
4. Proper layout procedures must be followed to achieve specifications.
5. Assumes that stable VDDSYN is applied, and that the crystal oscillator is stable. Lock time is measured from the time VDD and
V
DDSYN are valid until RESET is released. This specification also applies to the period required for PLL lock after changing
the Wand Y frequencycontrol bitsin the synthesizercontrol register (SYNCR)while the PLL isrunning,and to the period
required for the clock to lock after LPSTOP.
6. Internal VCO frequency (f
VCO) is determined by SYNCR W and Y bit values. The SYNCR X bit controls a divide-by-two cir-
cuit that is not in the synthesizer feedback loop. When X = 0, the divider is enabled, and f
sys = fVCO: 4. When X = 1, the
divider is disabled, and fsys = fVCO: 2. X must equal one when operating at maximum specified fsys.
7. Stability is the average deviation from the programmed frequency measured over the specified interval at maximum f
sys.
Measurements are madewith the devicepowered by filtered supplies and clocked by a stable externalclock signal. Noise
injected into the PLL circuitry via VDDSYN and VSS and variation in crystal oscillator frequency increase the Cstab percentage
for a given interval. When clock stabilityis acritical constraint on control system operation, thisparameter should be mea-
sured during functional testing of the final system.
Table 5. Clock Control Timing. V
DD and VDDSYN = 5.0 VDC ± 10% for 16.78 MHz and 5.0 VDC ± 5% for 20.97 MHz;
V
SS = 0 VDC; TC = -55°C to +125°C or -40°C to +85°C
Number
Symbol
Parameter
16.78
20.97
Unit
Min
Max
Min
Max
1f
ref
PLL reference frequency range
25
50
25
50
kHz
2f
sys
System frequency
(1)
On-chip PLL system frequency
External clock operation
dc
0.131
dc
16.78
16.78
16.78
dc
0.131
dc
20.97
20.97
20.97
MHz
MHz
MHz
3f
lpll
PLL lock time
(2)(3)(4)(5)
-20-
20
ms
4f
vco
VCO frequency
(6)
-2 (f
sys max)
-
2 (f
sys max)
MHz
5f
LIMP
Limp mode clock frequency
SYNCR X bit = 0
SYNCR X bit = 1
-
-
fsys max/2
f
sys max
-
-
fsys max/2
f
sys max
MHz
MHz
6Cstab
CLKOUT stability
(2)(3)(4)(7)
Short term (5 µs interval)
Long term (500 µs interval)
-05
-0.05
05
0.05
-05
-0.05
05
0.05
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com