Electronic Components Datasheet Search
  English  ▼

X  

TS68332 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # TS68332
Description  High performance 32-bit integrated microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button TS68332 Datasheet HTML 35Page - ATMEL Corporation TS68332 Datasheet HTML 36Page - ATMEL Corporation TS68332 Datasheet HTML 37Page - ATMEL Corporation TS68332 Datasheet HTML 38Page - ATMEL Corporation TS68332 Datasheet HTML 39Page - ATMEL Corporation TS68332 Datasheet HTML 40Page - ATMEL Corporation TS68332 Datasheet HTML 41Page - ATMEL Corporation TS68332 Datasheet HTML 42Page - ATMEL Corporation TS68332 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
39
TS68332
2118A–HIREL–03/02
Internal Bus Monitor
The MCU provides an internal bus monitor to monitor the DSACKx response time for all
internal bus accesses. An option allows the monitoring of internal to external bus
accesses. There are four selectable response times that allow for the response speed of
peripherals used in the system. A bus error (BERR) signal is asserted internally if the
DSACKx response time is exceeded. When operating as a bus master, the BERR signal
is not asserted externally.
Figure 21. System Integration Module Block Diagram
Halt Monitor
A halt monitor causes a reset to occur if the internal halt (HALT) is asserted by the CPU.
Spurious Interrupt Monitor
If no interrupt arbitration occurs during an interrupt acknowledge (IACK) cycle, the
BERR signal is asserted internally.
Software Watchdog
The watchdog asserts RESET if the software fails to service the software watchdog for a
designated period of time (presumably because it is trapped in a loop or lost). There are
four selectable time-out periods, and a prescaler may be used for long time-out periods.
Periodic Interrupt Timer
The MCU provides a timer to generate periodic interrupts. The periodic interrupt time
period can vary from 122 µs - 15.94 µs (with a 32.768 kHz crystal used to generate the
system clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com