Electronic Components Datasheet Search
  English  ▼

X  

TS68332 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # TS68332
Description  High performance 32-bit integrated microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button TS68332 Datasheet HTML 45Page - ATMEL Corporation TS68332 Datasheet HTML 46Page - ATMEL Corporation TS68332 Datasheet HTML 47Page - ATMEL Corporation TS68332 Datasheet HTML 48Page - ATMEL Corporation TS68332 Datasheet HTML 49Page - ATMEL Corporation TS68332 Datasheet HTML 50Page - ATMEL Corporation TS68332 Datasheet HTML 51Page - ATMEL Corporation TS68332 Datasheet HTML 52Page - ATMEL Corporation TS68332 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
49
TS68332
2118A–HIREL–03/02
General Concept
The TPU is an intelligent, semi-autonomous peripheral dedicated to timing control. Its
intelligence enables the servicing of timing events without CPU intervention. This device
uses a private microengine for a processor, a scheduler, input/output channels, ROM
instructions, and shared-access data RAM to operate independently and simultaneously
with the CPU (see Figure 25). Consequently, the setup and service time for each timer
event is minimized.
A “time-of-delay” approach is used where all time functions are related to one of two 16-
bits free-running TCRs. Time functions are synthesized by combining the two time prim-
itives, match and capture events. By performing these time primitives in hardware, the
TPU can precisely determine the time when a match event is to occur and then specify
the state of the output pin accordingly. The TPU can also accurately record the time at
which an input transition occurs and can perform calculations based on the time of the
occurrence. An event register for each channel provides for simultaneity of match/cap-
ture-event occurrences on all channels.
When a match or input capture event requiring service occurs on a channel, the channel
generates a service request to the scheduler. The scheduler prioritizes the request with
other pending service requests. When the microengine is idle, the scheduler causes the
microengine to execute a microcode sequence. When the microengine is busy, the new
sequence begins when the code being executed ends. The microengine performs the
function, which is defined by the content of the control store, using parameters from the
parameter RAM and from the event registers, etc., as needed. The following is an
example.
Channel X is generating a periodic waveform and presently the output is high. When the
value of the TCR used by that channel increments to match the value of the event regis-
ter of channel X, a match event occurs. The event switches the output to low and
generates a new service request to the scheduler. The scheduler than schedules and
initiates service of channel X by the microengine.
When execution of the sequence begins, the microengine uses the execution unit:
•
To obtain (from the parameter RAM) the value representing the duration of counts
for which channel X should remain low, and
•
To add to this value the value from the content of the event register of channel X.
The content of the event register is then replaced by this sum; the channel control is
set for a match event on the same TCR; and the pin control is set to cause the
output pin for channel X to switch high when the event occurs. A channel interrupt,
which signals the end of service to the CPU, may be asserted (if the time function
provides for it and the interrupt is enabled). The microengine is then free to service
the next event determined by the scheduler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com