Electronic Components Datasheet Search
  English  ▼

X  

MIC28511 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC28511
Description  60V/3A Synchronous Buck Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28511 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC28511 Datasheet HTML 1Page - Micrel Semiconductor MIC28511 Datasheet HTML 2Page - Micrel Semiconductor MIC28511 Datasheet HTML 3Page - Micrel Semiconductor MIC28511 Datasheet HTML 4Page - Micrel Semiconductor MIC28511 Datasheet HTML 5Page - Micrel Semiconductor MIC28511 Datasheet HTML 6Page - Micrel Semiconductor MIC28511 Datasheet HTML 7Page - Micrel Semiconductor MIC28511 Datasheet HTML 8Page - Micrel Semiconductor MIC28511 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC28511 Evaluation Board
April 9, 2015
4
Revision 1.0
Typical Characteristics
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Efficiency (VIN =12V)
vs. Output Current MIC28511-1
5.0V
3.3V
2.5V
f
SW = 300kHz
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Efficiency (VIN = 24V)
vs. Output Current MIC28511-1
f
SW = 300kHz
5.0V
3.3V
2.5V
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Efficiency (VIN = 48V)
vs. Output Current MIC28511-1
f
SW = 300kHz
5.0V
3.3V
2.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
40
55
70
85
100
AMBIENT TEMPERATURE (°C)
12V Input Thermal Derating
MIC28511-1
5.0V
3.3V
V
IN =12V
f
SW = 300kHz
T
JMAX =125°C
θ
JA = 30°C/W
2.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
40
55
70
85
100
AMBIENT TEMPERATURE (°C)
24V Input Thermal Derating
MIC28511-1
5.0V
3.3V
2.5V
V
IN =24V
f
SW = 300kHz
T
JMAX =125°C
θ
JA = 30°C/W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
40
55
70
85
100
AMBIENT TEMPERATURE (°C)
48V Input Thermal Derating
MIC28511-1
3.3V
2.5V
V
IN = 48V
f
SW = 300kHz
T
JMAX = 125°C
θ
JA = 30°C/W
5.0V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
IC Power Dissipation
vs. Output Current MIC28511-1
V
IN = 12V
f
SW = 300kHz
5.0V
3.3V
2.5V
0.0
0.5
1.0
1.5
2.0
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
IC Power Dissipation
vs. Output Current MIC28511-1
Vin =24V
f
SW = 300kHz
V
IN = 24V
f
SW = 300kHz
5.0V
3.3V
2.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
IC Power Dissipation
vs. Output Current MIC28511-1
Vin =24V
f
SW = 300kHz
V
IN = 48V
f
SW = 300kHz
3.3V
2.5V
5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com