Electronic Components Datasheet Search
  English  ▼

X  

MIC28511 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC28511
Description  60V/3A Synchronous Buck Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28511 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC28511 Datasheet HTML 2Page - Micrel Semiconductor MIC28511 Datasheet HTML 3Page - Micrel Semiconductor MIC28511 Datasheet HTML 4Page - Micrel Semiconductor MIC28511 Datasheet HTML 5Page - Micrel Semiconductor MIC28511 Datasheet HTML 6Page - Micrel Semiconductor MIC28511 Datasheet HTML 7Page - Micrel Semiconductor MIC28511 Datasheet HTML 8Page - Micrel Semiconductor MIC28511 Datasheet HTML 9Page - Micrel Semiconductor MIC28511 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Micrel, Inc.
MIC28511 Evaluation Board
April 9, 2015
6
Revision 1.0
Evaluation Board Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
UVZ2A330MPD
Nichicon
(1)
33µF/100V 20% Radial Aluminum Capacitor
1
C2, C3
12061Z475KAT2A
AVX
(2)
4.7µF/100V, X7S, Size 1206 Ceramic Capacitor
2
C4, C7
C1608X7R1A225K080AC
TDK
(3)
2.2µF/10V, X7R, Size 0603 Ceramic Capacitor
2
C5, C11, C13,
C18, C19, C20
Open
NA
C6, C16
C0603C104K8RACTU
Kemet
(4)
0.1µF/10V, X7R, Size 0603 Ceramic Capacitor
2
C9
GRM21BR72A474KA73
Murata
(5)
0.47µF/100V, X7R, Size 0805 Ceramic Capacitor
1
08051C474KAT2A
AVX
C10, C17
GRM188R72A104KA35D
Murata
0.1µF/100V, X7R, Size 0603 Ceramic Capacitor
2
C12
CGA3E2X7R1H471K
TDK
470pF/50V, X7R, Size 0603 Ceramic Capacitor
1
Notes:
1.
Nichicon: www.nichicon.co.jp/english.
2.
AVX: www.avx.com.
3.
TDK: www.tdk.com.
4.
Kemet.: www.kemet.com.
5.
Murata: www.murata.com.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com