Electronic Components Datasheet Search
  English  ▼

X  

MIC28511 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC28511
Description  60V/3A Synchronous Buck Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28511 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC28511 Datasheet HTML 2Page - Micrel Semiconductor MIC28511 Datasheet HTML 3Page - Micrel Semiconductor MIC28511 Datasheet HTML 4Page - Micrel Semiconductor MIC28511 Datasheet HTML 5Page - Micrel Semiconductor MIC28511 Datasheet HTML 6Page - Micrel Semiconductor MIC28511 Datasheet HTML 7Page - Micrel Semiconductor MIC28511 Datasheet HTML 8Page - Micrel Semiconductor MIC28511 Datasheet HTML 9Page - Micrel Semiconductor MIC28511 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
MIC28511 Evaluation Board
April 9, 2015
7
Revision 1.0
Bill of Materials (Continued)
Item
Part Number
Manufacturer
Description
Qty.
C14, C15
GRM32ER71A476KE15L
Murata
47µF/10V, X7R, Size 1210 Ceramic Capacitor
2
C21
C1608NP02A270J080AA
TDK
27pF 100V, NPO, Size 0603 Ceramic Capacitor
1
D1
BAT46W-TP
MCC
(6)
100V Small Signal Schottky Diode, SOD123
1
D3
Open
NA
J1, J7, J8,
J10
− J12,
J16
− J18
77311-118-02LF
FCI
(7)
CONN HEADER 2POS VERT T/H
9
L1
XAL7030-682MED
Coilcraft
(8)
6.8µH, 10.7A Saturation Current
1
R1
CRCW060310K0FKEA
Vishay Dale
(9)
10.0
kΩ, Size 0603, 1% Resistor
1
R2, R9, R25, R26
Open
NA
R10
CRCW06033K24FKEA
Vishay Dale
3.24kΩ, Size 0603, 1% Resistor
1
R11
CRCW06031K91FKEA
Vishay Dale
1.91kΩ, Size 0603, 1% Resistor
1
R14, R15
CRCW06030000FKEA
Vishay Dale
0.0
Ω, Size 0603, Resistor Jumper
2
R3, R16,
R17, R19
CRCW0603100K0FKEA
Vishay Dale
100kΩ, Size 0603, 1% Resistor
4
R18
CRCW06031K00JNEA
Vishay Dale
1.0
kΩ, Size 0603, 5% Resistor
1
R20, R21
CRCW060349R9FKEA
Vishay Dale
49.9Ω, Size 0603, 1% Resistor
2
R22
CRCW06031K74FKEA
Vishay Dale
1.74kΩ, Size 0603, 1% Resistor
1
R23
CRCW08051R21FKEA
Vishay Dale
1.21Ω, Size 0805, 1% Resistor
1
R24
CRCW060310R0FKEA
Vishay Dale
10.0
Ω, Size 0603, 1% Resistor
1
TP7, TP14,
TP8, TP13,
TP17, TP18
Open
NA
TP9
− TP12
1502
Keystone
Electronics
(10)
Test Point Turret, .090
4
U1
MIC28511-1YFL
Micrel. Inc.
(11)
60V/3A Synchronous Buck Regulator
1
MIC28511-2YFL
Notes:
6.
MCC: www.mcc.com.
7.
FCI: www.fciconnect.com.
8.
Coilcraft: www.coilcraft.com.
9.
Vishay Dale: www.vishay.com.
10. Keystone Electronics: www.keystone.com.
11. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com