Electronic Components Datasheet Search
  English  ▼

X  

DIM3R3 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DIM3R3
Description  Inrush protection and hot swap capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DIM3R3 Datasheet HTML 3Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 4Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 9Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 10Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DATASHEET
DS_DIM3R3_09102010
7
ELECTRICAL CHARACTERISTICS CURVES
Figure 9: MGMT_PWR (3.3V) and BLUE_LED_PWR (5V)
output ripple/noise (2uS/div):
CH1: Vo, MGMT_PWR (20mV/div).
CH2: Vo, 5V BLUE_LED_PWR (20mV/div).
Test conditions:
(1) Feed A=48Vdc; Feed B=0Vdc
(2) I(3.3V)=1.25A,I(5V BLUE_LED_PWR)=0.1A
I(VRTN_OUT)=6.3A
(3) C2=220uF, C_hold=220uF
Figure 10: MGMT_PWR (3.3V) dynamic response
(1mS/div):
CH1: Vo, MGMT_PWR (50mV/div).
CH2: Io, MGMT_PWR (1A/div)
Test conditions:
(1) Feed A=48Vdc; Feed B=0Vdc
(2) 3.3V MGMT_PWR load current (50%-75%-50% of Io,max,
di/dt = 0.1A/µs),
I(VRTN_OUT)=6.3A.
(3) C2=220uF, C_hold=220uF
CH 1
CH 2
CH 1
CH 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com