Electronic Components Datasheet Search
  English  ▼

X  

DIM3R3 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DIM3R3
Description  Inrush protection and hot swap capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DIM3R3 Datasheet HTML 1Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 2Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 3Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 4Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
DS_DIM3R3_09102010
FEATURES
High efficiency 98% @ 48Vin, 300W
Size: 70.6x36.8x12.7mm (2.78
”x1.45”x0.5”)
Standard footprint
Industry standard pin out
Input OVP, UVLO, Output OCP, OTP
8W (3.3Vdc) of isolated management power
for module self or other housekeeping
functions
5V/100mA BLUE_LED power
Input OR'ing for the A/B dual input power
feeds as well as A/B Enable signals
Inrush protection and hot swap capability
Integral EMI filter designed for the ATCA
board to meet CISPR Class B
Independent 72Vdc output for charging the
external holdup capacitors resulting in
significant board real estate savings and
bleed resistor power dissipation
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada).
APPLICATIONS
Telecom / Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment
OPTIONS
3.3V management Power
Delphi Series DIM, 300W Dual Input Power
Processing DC/DC Power Modules
The Delphi DIM series, 300W dual redundant input power processing
isolated DC/DC converter is the latest offering from a world leader in
power system and technology and manufacturing
― Delta Electronics,
Inc. This product family provides up to 300 watts of power in an industry
standard footprint and pinout. The DIM series is designed to simplify the
task and reduce the board space of implementing dual redundant, hot
swappable 48Vdc power distribution with EMI filtering and inrush
current limiting for an ATCA (Advanced Telecommunications Computing
Architecture) or other telecom boards. In addition to processing the dual
redundant 48V bus, the DIM module also provides isolated auxiliary
3.3V
(8W),
and/or
5V
(100mA)
BLUE_LED
power
for
other
housekeeping
functions.
With
creative
design
technology
and
optimization of component placement, these converters possess
outstanding electrical and thermal performances, as well as extremely
high reliability under highly stressful operating conditions. All models
are fully protected from abnormal input/output voltage, current, and
temperature conditions. The Delphi DIM series converters meet all
safety requirements with basic insulation.


Similar Part No. - DIM3R3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
376Kb / 13P
Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
378Kb / 13P
300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
379Kb / 14P
Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
602Kb / 13P
Industry standard pin out
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
300W Dual Input Power Processing DC/DC Power Modules
More results

Similar Description - DIM3R3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
September 30, 2010
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 35P
Negative Hot Swap / Inrush Current Controller
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
LM5067 TI-LM5067_V01 Datasheet
4Mb / 49P
LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com