Electronic Components Datasheet Search
  English  ▼

X  

DIM3R3 Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DIM3R3
Description  Inrush protection and hot swap capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3 Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DIM3R3 Datasheet HTML 4Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 9Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 10Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 11Page - Delta Electronics, Inc. DIM3R3 Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DATASHEET
DS_DIM3R3_09102010
8
APPLICATION CIRCUITS
TYPICAL VALUES FOR ABOVE COMPONENTS:
POSITION
VALUE
NOTE
F1,F2
1A, FUSE
F3,F4
15A, FUSE
F5,F6
15A, FUSE
R1,R2
15
Ω, RESISTOR
R3
7.5K
Ω, RESISTOR
C1
22
F, CAP
No additional output capacitors are required, this cap
are highly recommended to reduce the switching ripple
and noise.
C2
200~330
F, CAP
C3
Defined by DC/DC converter application note
C_HOLD
2
2
72
_
*
*
2
Vth
V
HLDP
T
Power
for the definition of parameters, please see page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com