Electronic Components Datasheet Search
  English  ▼

X  

VRE3021 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VRE3021
Description  Low Cost Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE3021 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VRE3021 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ppm/
1khrs
6
∆V
OUT/t
Long Term Stability
µVp-p
1.25
0.1Hz<f<1kHz
e
n
Output Noise Voltage
µs
2
To 0.01% of final value
T
on
Turn-On Settling Time
mV
±2
Figure 3
∆V
OUT
Trim Adjustment Range
1.0
2.0
VRE3025C/K
0.5
1.0
VRE3025B/K
2.0476
2.048
2.0484
VRE3025C/L
2.0477
2.048
2.0483
VRE3025B/K
V
2.0478
2.048
2.0482
VRE3025A/J
V
OUT
Output Voltage
(Note 1)
5
10
10V
≤ V
IN ≤18V
ppm/V
25
35
8V
≤ V
IN ≤ 10V
∆V
OUT/
∆V
IN
Line Regulation
ppm/
mA
8
12
8
12
Sourcing:
0mA
≤ I
OUT ≤ 15mA
Sinking:
-15mA
≤ I
OUT ≤0mA
∆V
OUT/
∆I
OUT
Load Regulation
mA
3.5
4.0
I
IN
Supply Current
µV
RMS
1.25
2.5
10Hz<f<1Hz
ppm
1
Note 4
Temperature Hysterisis
ppm/°C
0.3
0.6
VRE3025A/J
TCV
OUT
Output Voltage
Temperature Coefficient
(Note 2)
V
8
36
V
IN
UNITS
MIN
TYP
MAX
SYMBOL
CONDITIONS
Input Voltage
PARAMETER
ELECTRICAL SPECIFICATIONS
Vps =+10V, T = 25°C, Iout=0mA unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS
Power Supply ………………………-0.3V to +40V
Out Short Circuit to GND Duration (V
IN< 12V)…...Continuous
OUT, TRIM …………………………-0.3V to +12V
Out Short Circuit to GND Duration (V
IN< 40V)……..……5 sec
NR……………………………………-0.3V to +6V
Out Short Circuit to IN Duration (V
IN< 12V)……....Continuous
Operating Temp. (A,B,C)……………0 °C to 70°C
Continuous Power Dissipation (T
A = +70°C)…….…...300mW
Operating Temp. (J,K,L)……………-40 °C to 85°C
Storage Temperature…………………..…….…-65°C to 150°C
Lead Temperature (soldering,10 sec) ……….……….…250°C
VRE3021DS REV. D JULY 2000
Notes:
1) The specified values are without external trim.
2) The temperature coefficient is determined by the
box method. See discussion on temperature
performance.
3) Line and load regulation are measured with pulses and
do not include voltage changes due to temperature.
4) Hysterisis over the operating temperature range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com