Electronic Components Datasheet Search
  English  ▼

X  

VRE3021 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VRE3021
Description  Low Cost Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE3021 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VRE3021 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL PERFORMANCE CURVES
RIPPLE REJECTION
Vs. FREQUENCY(C
NR=0µF)
OUTPUT NOISE-VOLTAGE
DENSITY vs. FREQUENCY
VRE3021DS REV. D JULY 2000
JUNCTION TEMP. RISE VS.
OUTPUT CURRENT
Output Current (mA)
CHANGE IN OUTPUT VOLTAGE
VS. INPUT VOLTAGE
CHANGE IN OUTPUT VOLTAGE
VS. OUTPUT CURRENT
V
in(V)
I
out(mA)
Frequency (Hz)
Frequency (Hz)
1k
10k
90
80
70
60
100
100
10
0
4
2
8
6
10
30
20
10
0
40
Vcc
=
10V
12 13
9
15
20
0
-20
14
16
11
10
0
-10
10
30
40
50
60
8 10
2
14
0
-200
-400
12
16
6
4
0
-300
-100
100
200
300
400
TURN-ON AND TURN-OFF
TRANSIENT RESPONSE
1
µs/div
B
A
0V
+10V
A: Vin, 10V/div
B: Vout, 1V/div
1k
10k
40
30
20
10
50
100
10
0.1Hz to 10Hz Noise
1 Sec/Div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com