Electronic Components Datasheet Search
  English  ▼

X  

VRE3021 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VRE3021
Description  Low Cost Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE3021 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VRE3021 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE3021 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VRE3021DS REV. D JULY 2000
THEORY OF OPERATION
The following discussion refers to the schematic in
figure 2 below. A FET current source is used to bias a
6.3V zener diode. The zener voltage is divided by the
resistor network R1 and R2. This voltage is then applied
to the noninverting input of the operational amplifier which
amplifies the voltage to produce a 2.048V output. The
gain is determined by the resistor networks R3 and R4:
G=1 + R4/R3. The 6.3V zener diode is used because it is
the most stable diode over time and temperature.
The current source provides a closely regulated zener
current, which determines the slope of the references’
voltage vs. temperature function. By trimming the zener
current a lower drift over temperature can be achieved.
But since the voltage vs. temperature function is nonlinear
this compensation technique is not well suited for wide
temperature ranges.
Thaler
Corporation
has
developed
a
nonlinear
compensation network of thermistors and resistors that is
used
in
the
VRE
series
voltage
references.
This
proprietary network eliminates most of the nonlinearity in
the voltage vs. temperature function. By adjusting the
slope, Thaler Corporation produces a very stable voltage
over wide temperature ranges.
This network is less than 2% of the overall network
resistance so it has a negligible effect on long term
stability.
Figure 3 shows the proper connection of the
VRE3021 series voltage references with the optional trim
resistor for initial error and the optional capacitor for noise
reduction.
BASIC CIRCUIT CONNECTION
Figure 3 shows the proper connection of the VRE3025
voltage reference with the optional trim resistor for initial
error and optional capacitor for noise reduction.
To achieve the specified performance, pay careful
attention to the layout. A low resistance star configuration
will reduce voltage errors, noise pickup, and noise
coupled from the power supply.
Commons should be
connected to a single point to minimize interconnect
resistances.
Figure 3 External Connections
6
Figure 2 Functional Block Diagram
8
5
2
4
R1
R2
R3
R4
+
-
Noise Reduction
NR
8
Voltage reference output
OUT
6
External trim input. Leave open if
not used.
TRIM
5
Ground
GND
4
Positive power supply input
Internally connected. Do not use
Vin
N.C.
2
1,3,7
PIN DESCRIPTION
8
6
5
+ V
OUT
2
+ V
IN
4
VRE3021
10k
Ω
C
N 1µF
Optional Noise
Reduction
Capacitor
Optional Fine
Trim Adjustment



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com