Electronic Components Datasheet Search
  English  ▼

X  

VSC7126 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7126
Description  1.0625 Gbits/sec Fibre Channel Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7126 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7126 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
3/4/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC7126
1.0625 Gbits/sec Fibre
Channel Transceiver
G52148-0, Rev. 4.3
Features
General Description
The VSC7126 is a full-speed Fibre Channel Transceiver optimized for Host Adapter and other space- con-
strained applications. It accepts two 10-bit 8B/10B encoded transmit characters, latches them on the rising edge
of TBC and serializes the data onto the TX+/- PECL differential outputs at a baud rate which is twenty times the
TBC frequency. It also samples serial receive data on the RX+/- PECL differential inputs, recovers the clock
and data, deserializes it onto two 10-bit receive characters, outputs a recovered clocks at one twentieth of the
incoming baud rate and detects Fibre Channel “Comma” characters. The VSC7126 contains on-chip PLL cir-
cuitry for synthesis of the baud-rate transmit clock, and extraction of the clock from the received serial stream.
These circuits are fully monolithic and require no external components.
VSC7126 Block Diagram
• ANSI X3T11 Fibre Channel Compatible 1.0625
Gbps Full-duplex Transceiver
• GLM Compatible (FCSI-301-Rev 1.0)
• 20 Bit TTL Interface For Transmit And Receive Data
• Monolithic Clock Synthesis And Clock Recovery -
No External Components
• 53.125 MHz TTL Reference Clock
• Automatic Lock-to-Reference Function
• Suitable For Both Copper And Fiber
Optical Link Applications
• Low Power Operation - 850 mW
• 80 Pin, 14x14 mm PQFP
• Single +3.3V Power Supply
RX+
RX-
Q D
Serial to
Parallel
Clock
Recovery
Retimed
Data
Recovered
Comma
Detect
Q D
R0:19
Frame
Logic
COM_DET
EN_CDET
T0:19
PLL Clock
Multiply (x20)
D Q
Parallel
to Serial
Serial Data
Clock
Synthesized
Clock
D Q
TX+
TX-
EWRAP
÷ 20
RBC(0)
20
20
TBC
2:1
RBC(1)
TXEN#
L_UNUSE
53.125 MHz
53.125 MHz


Similar Part No. - VSC7126

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7126

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
Fibre Channel Transceiver 1.0625 GBaud
Sep-1998
logo
Infineon Technologies A...
V23826-K15-C13 INFINEON-V23826-K15-C13 Datasheet
458Kb / 16P
Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-03-09
V23826-K305-C13 INFINEON-V23826-K305-C13 Datasheet
534Kb / 17P
Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
2000-12-19
logo
Vitesse Semiconductor C...
VSC7125 VITESSE-VSC7125 Datasheet
123Kb / 16P
1.0625 Gbits/sec Fibre Channel Transceiver
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Finisar Corporation.
V23826-K15-C313 FINISAR-V23826-K15-C313 Datasheet
479Kb / 19P
Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
logo
Infineon Technologies A...
V23826-K15-C INFINEON-V23826-K15-C Datasheet
326Kb / 9P
Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
MARCH 2000
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com