Electronic Components Datasheet Search
  English  ▼

X  

VSC7126 Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC7126
Description  1.0625 Gbits/sec Fibre Channel Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7126 Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC7126 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 11
3/4/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC7126
1.0625 Gbits/sec Fibre
Channel Transceiver
G52148-0, Rev. 4.3
Input Structures
Figure 9: Input Structures
INPUT
INPUT
High Speed Differential Input
VDD
GND
+3.3 V
(RX+/RX-)
A
B
TBC and TTL Inputs
INPUT
+3.3 V
Current
Limit
GND
VDD
R
R
All Resistors
3.3K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com