Electronic Components Datasheet Search
  English  ▼

X  

XRT3591 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT3591
Description  SINGLECHIP V. 35 TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT3591 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT3591 Datasheet HTML 6Page - Exar Corporation XRT3591 Datasheet HTML 7Page - Exar Corporation XRT3591 Datasheet HTML 8Page - Exar Corporation XRT3591 Datasheet HTML 9Page - Exar Corporation XRT3591 Datasheet HTML 10Page - Exar Corporation XRT3591 Datasheet HTML 11Page - Exar Corporation XRT3591 Datasheet HTML 12Page - Exar Corporation XRT3591 Datasheet HTML 13Page - Exar Corporation XRT3591 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
XRT3591B

  

!
 !
(

!
- 
- !
 
 

 • $

 • $



!!• $
!
!!• $
?
#
B.#
73
A
7.
!
2*
!2*
 2*

5 2.
%


!
2!
2A 
2!A 
5

!

9!

2 ? 
2!? (
9
!
2 A 
9
2? 

5

2

2
(
5 A 
5 ? !
5!A !
5!? !!
5A !
5? !
U1
XRT3591B






( 
@!
@
@
?
A
?
A
?
58
!58
@
@
A
?
A
?
 58
2*
!2*


(


!  (

"
9!
58
!58
 58
9
9
@.% $ 5
<. , 511
B
( 
 !



(



!
!
!!

 • $
@(
A
?
A
 2*
Figure 9. XRT3591B Demo Board





B*,

!


!


!


!


!


!




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com