Electronic Components Datasheet Search
  English  ▼

X  

XRT3591 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT3591
Description  SINGLECHIP V. 35 TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT3591 Datasheet(HTML) 5 Page - Exar Corporation

  XRT3591 Datasheet HTML 1Page - Exar Corporation XRT3591 Datasheet HTML 2Page - Exar Corporation XRT3591 Datasheet HTML 3Page - Exar Corporation XRT3591 Datasheet HTML 4Page - Exar Corporation XRT3591 Datasheet HTML 5Page - Exar Corporation XRT3591 Datasheet HTML 6Page - Exar Corporation XRT3591 Datasheet HTML 7Page - Exar Corporation XRT3591 Datasheet HTML 8Page - Exar Corporation XRT3591 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
XRT3591B
  
AC ELECTRICAL CHARACTERISTICS
 #D  . +5.0v ? E .-5.0V ? E  . 25C # #   +# . 0
1#
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
$
%   $ %
30

5.
-9:
% 2.  5.. -)
 ,/
!
40

5.
-:9
% 2.  5.. -)
 ,/
!
40

5.
5"<
% 5..  5..
30

5.
-9:
 2.  5.. -)
 ,/ &'
50

5.
-:9
 2.  5.. -)
 ,/ &1'
50

5.
2"<
,11  30
&-9: A-:9'
!

5.
;9
 +  5.. 90


;:
 +  5.. :

9;
 ,+  5.. 90

:;
 ,+  5.. :

Notes
1 All currents flowing into the device pins are marked positive. All current flowing out of the device pins are marked negative.
Bold face parameters are covered by production test and guaranteed over operating temperature range.
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
 %.
)(  ?
5 %.
)  ?
./ 




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com