Electronic Components Datasheet Search
  English  ▼

X  

XRT3591 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT3591
Description  SINGLECHIP V. 35 TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT3591 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT3591 Datasheet HTML 4Page - Exar Corporation XRT3591 Datasheet HTML 5Page - Exar Corporation XRT3591 Datasheet HTML 6Page - Exar Corporation XRT3591 Datasheet HTML 7Page - Exar Corporation XRT3591 Datasheet HTML 8Page - Exar Corporation XRT3591 Datasheet HTML 9Page - Exar Corporation XRT3591 Datasheet HTML 10Page - Exar Corporation XRT3591 Datasheet HTML 11Page - Exar Corporation XRT3591 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
XRT3591B

  
Cable Termination
$    #11 . # .. 1   7 %. + / %#   
=.%  . 1. #    1  10 #%   #
% 1.D





!

!
58
42*25*
2*-8
42*25*
Figure 5. Proposed Source And Input Terminations
Note: In order to implement the terminations proposed above, standard 1/8 W surface mount or through hole 5% resistors can be
used. Furthermore, appropriate resistor networks can be used as well.
!

(

 

 7
&, 45,'
,
 7
&, 45,'



,

I


,
;
!
!

,
,
I



;
!
!
,

!



I
(


;
!!
!



;
I
!

(
!

I
;


!!


!

!


Figure 6. Typical V.35 Clock And Data Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com