Electronic Components Datasheet Search
  English  ▼

X  

ACE4606TB Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE4606TB
Description  30V Complementary Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4606TB Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE4606TB Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE4606TB
30V Complementary Enhancement Mode Field Effect Transistor
VER 1.1
4
P-channel Electrical Characteristics TA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V, VGS=0V
-1
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=-250uA
-1
-1.5
-3
V
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
±100
nA
Static Drain-Source On-Resistance
RDS(ON)
VGS=-10V, ID=-4A
52
58
m
Ω
VGS=-4.5V, ID=-3A
67
80
Forward Transconductance
gFS
VDS=-5V, ID=-4A
10
S
Diode Forward Voltage
VSD
IS=-1A, VGS=0V
-1.1
V
Maximum Body-Diode Continuous
Current
IS
-4
A
Switching
Total Gate Charge
Q
g
VGS=-10V, VDS=-15V,
ID=-4A
11.5
nC
Gate-Source Charge
Q
gs
2.5
Gate-Drain Charge
Q
gd
2.2
Turn-on Delay Time
t
d (on)
VGS=-10V , VDS=-15V
ID=1A, RGS=6
Ω
10
ns
Turn-on Rise Time
t
r
10
Turn-off Delay Time
t
d(off)
18
Turn-off Fall Time
t
f
15
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=-15V
f=1MHz
726
pF
Output Capacitance
Coss
90
Reverse Transfer Capacitance
Crss
76



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com