Electronic Components Datasheet Search
  English  ▼

X  

ACE4606TB Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4606TB
Description  30V Complementary Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4606TB Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4606TB Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4606TB Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE4606TB
30V Complementary Enhancement Mode Field Effect Transistor
VER 1.1
1
Description
The ACE4606TB uses advanced trench technology MOSFETs to provide excellent RDS(ON) and low
gate charge. The complementary MOSFETs may be used in inverter and other applications.
Features
N-channel
VDS=30V
ID=7A
RDS(ON)
< 26mΩ (V
GS=10V)
RDS(ON)
< 45mΩ (V
GS=4.5V)
P-channel
VDS=-30V
ID=-4A
RDS(ON) < 58
mΩ (V
GS=-10V)
RDS(ON) < 80
mΩ (V
GS=-4.5V)
Absolute Maximum Ratings
Parameter
Symbol
N-channel
P-channel
Unit
Drain-Source Voltage
VDSS
30
-30
V
Gate-Source Voltage
VGSS
±20
±20
V
Drain
Current (Continuous)*AC
TA=25°C
ID
7
-4
A
TA=70°C
6
-3
Drain Current (Pulse) *B
IDM
28
-16
Power Dissipation
TA=25°C
PD
2
W
TA=70°C
0.8
Operating Temperature/ Storage Temperature
TJ,TSTG
-55 to 150
OC
A: The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The value in any given application depends on the user's specific board
design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is
based on the t≤ 10s junction to ambient thermal resistance rating.


Similar Part No. - ACE4606TB

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4600M ACE-ACE4600M Datasheet
766Kb / 6P
N-Channel 60-V (D-S) MOSFET
VER 1.1
More results

Similar Description - ACE4606TB

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
ACE Technology Co., LTD...
ACE4614B ACE-ACE4614B Datasheet
1Mb / 9P
30V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com