Electronic Components Datasheet Search
  English  ▼

X  

HT85F2262 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT85F2262
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2262 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT85F2262 Datasheet HTML 45Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 46Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 47Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 48Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 49Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 50Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 51Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 52Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 187 page
background image
Rev. 1.10
49 of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
Bit Addressable Space
Some instructions in the 8051 language allow for single bit addressing. These single bit instructions
can only be used in the bit addressable data memory area, located both in the General Purpose Data
RAM and the Special Function Register area. Note that these bit addressable registers are both byte
and bit addressable.
The 16 bytes bit addressable registers of the General Purpose Data RAM, located from 20H to
2FH, can address up to 128 individual bits. Each bit has its corresponding bit address from 00H
to 7FH. For example, bit 0 of the 20H register is mapped to the bit address 00H, bit 7 of the 20H
register is mapped to the bit address 07H and bit 7 of the 2FH register is mapped to the bit address
7FH. The accompanying table illustrates the Bit-Addressable register map description for General
Purpose Data RAM, 20H ~ 2FH. Using the bit operational instruction, such as SETB or CLR on
the bit address can implement operations on the corresponding bit of the register. For example:
SETB 00H
; Set the bit 0 of the register location 20H to “1”
SETB 07H
; Set the bit 7 of the register location 20H to “1”
CLR 25H
; Clear the bit 5 of the register location 24H to “0”
CLR 7FH
; Clear the bit 7 of the register location 2FH to “0”
General Purpose Data RAM, 20H~2FH, Bit Address Map
High 5-bit
Address
Low 3-bit Address
0H
1H
2H
3H
4H
5H
6H
7H
78H
0x�F.0
0x�F.1
0x�F.�
0x�F.�
0x�F.4
0x�F.�
0x�F.6
0x�F.7
70H
0x�E.0
0x�E.1
0x�E.�
0x�E.�
0x�E.4
0x�E.�
0x�E.6
0x�E.7
68H
0x�D.0
0x�D.1
0x�D.�
0x�D.�
0x�D.4
0x�D.�
0x�D.6
0x�D.7
60H
0x�C.0
0x�C.1
0x�C.�
0x�C.�
0x�C.4
0x�C.�
0x�C.6
0x�C.7
�8H
0x�B.0
0x�B.1
0x�B.�
0x�B.�
0x�B.4
0x�B.�
0x�B.6
0x�B.7
�0H
0x�A.0
0x�A.1
0x�A.�
0x�A.�
0x�A.4
0x�A.�
0x�A.6
0x�A.7
48H
0x�9.0
0x�9.1
0x�9.�
0x�9.�
0x�9.4
0x�9.�
0x�9.6
0x�9.7
40H
0x�8.0
0x�8.1
0x�8.�
0x�8.�
0x�8.4
0x�8.�
0x�8.6
0x�8.7
�8H
0x�7.0
0x�7.1
0x�7.�
0x�7.�
0x�7.4
0x�7.�
0x�7.6
0x�7.7
�0H
0x�6.0
0x�6.1
0x�6.�
0x�6.�
0x�6.4
0x�6.�
0x�6.6
0x�6.7
�8H
0x��.0
0x��.1
0x��.�
0x��.�
0x��.4
0x��.�
0x��.6
0x��.7
�0H
0x�4.0
0x�4.1
0x�4.�
0x�4.�
0x�4.4
0x�4.�
0x�4.6
0x�4.7
18H
0x��.0
0x��.1
0x��.�
0x��.�
0x��.4
0x��.�
0x��.6
0x��.7
10H
0x��.0
0x��.1
0x��.�
0x��.�
0x��.4
0x��.�
0x��.6
0x��.7
08H
0x�1.0
0x�1.1
0x�1.�
0x�1.�
0x�1.4
0x�1.�
0x�1.6
0x�1.7
00H
0x�0.0
0x�0.1
0x�0.�
0x�0.�
0x�0.4
0x�0.�
0x�0.6
0x�0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com