Electronic Components Datasheet Search
  English  ▼

X  

HT85F2262 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT85F2262
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2262 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT85F2262 Datasheet HTML 34Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 35Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 36Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 37Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 38Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 39Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 40Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 41Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 187 page
background image
Rev. 1.10
�8 of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
Flash Memory Read/Write Operations
The flash memory can be read from and written to using register operations. To ensure protection
of application data certain protection measures have to be first carried out before any read and
write operations are executed on the Flash Memory.
Unlocking the Flash Memory
Before writing data to the Flash Memory it must first be unlocked. This is implemented by writing
a correct data sequence to the Flash Memory Unlock key register, FMKEY. It is recommended
to write the data sequence to the FMKEY register in 4 consecutive instructions. The following
flowchart illustrates the unlock procedure.
START
FMKEY = 0x��;
FMKEY = 0xAA;
FMKEY = 0x00;
FMKEY = 0xFF;
Bit UNLOCK is 1
For examp�e� 4 consec�tive
statements in C �ang�age
END
Bit UNLOCK is 0
F�ash memor� is in
�ocked state
F�ash memor� is in
�n�ocked state
Unlock Procedure Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com