Electronic Components Datasheet Search
  English  ▼

X  

HT85F2262 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT85F2262
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2262 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT85F2262 Datasheet HTML 60Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 61Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 62Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 63Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 64Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 65Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 66Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 67Page - Holtek Semiconductor Inc HT85F2262 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 187 page
background image
Rev. 1.10
64 of 187
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2250/HT85F2262
Standby Current Considerations
As the main reason to stop the oscillators is to keep the current consumption of the MCU to as low a
value as possible, perhaps only in the order of several micro-amps, there are other considerations which
must also be taken into account by the circuit designer if the power consumption is to be minimised.
Special attention must be made to the I/O pins on the device. All high-impedance input pins must
be connected to either a fixed high or low level as any floating input pins could create internal
oscillations and result in increased current consumption. Care must also be taken with the loads,
which are connected to I/O pins, which are setup as outputs. These should be placed in a condition
in which minimum current is drawn or connected only to external circuits that do not draw current,
such as other CMOS inputs. And for power saving purpose, all the analog modules have to be
disabled using the application program before MCU enters the IDLE or Power-Down mode.
The high speed and low speed oscillators will continue to run when in the IDLE Mode and will
thus consume some power.
Wake-up
After the system enters the IDLE or Power-Down Mode, it can be woken up from one of various
sources listed as follows:
■
In Idle mode:
● An external reset
● An external low level on any P0 I/O pin
● An external low level on INT0 and INT1 pins
● A system interrupt
● A WDT overflow
A system interrupt wake up can be generated by various peripheral interrupts, such as Timer
0~2 interrupt, I2C interrupt, UART interrupt, ADC interrupt, Comparaotr interrupt, Time base
interrupt and LVD interrupt.
■
In Power down mode:
● An external reset
● An external low level on any P0 I/O pin
● An external low level on INT0 and INT1 pins
If the system is woken up by an external reset, the device will experience a full system reset,
however, if the device is woken up by a WDT overflow, a Watchdog Timer reset will be initiated.
Pins P0 [0:7] can be setup via the P0WAKE register to permit a low level on the pin to wake-up
the system. When an I/O pin wake-up occurs, the program will resume execution at the instruction
following the point where the PD or IDL control bit is set high.
If the system is woken up by an interrupt, then two possible situations may occur. The first is
where the related interrupt is disabled or the interrupt is enabled but the stack is full, in which case
the program will resume execution at the instruction following the control bits settings. In this
situation, the interrupt which woke-up the device will not be immediately serviced, but will rather
be serviced later when the related interrupt is finally enabled or when a stack level becomes free.
The other situation is where the related interrupt is enabled and the stack is not full, in which case
the regular interrupt response takes place. If an interrupt request flag is set high before entering
the IDLE or Power-Down mode, then any interrupt requests will not generate a wake-up function
and the related interrupt will be ignored. No matter what the source of the wake-up event is, once
a wake-up event occurs, the program can check if the system clock is stable or not by examining
the oscillator status bits. It is recommended that these bits are examined before proceeding with
instruction execution after a wake up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com