Electronic Components Datasheet Search
  English  ▼

X  

PCF8591P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8591P
Description  8-bit A/D and D/A converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8591P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8591P Datasheet HTML 3Page - NXP Semiconductors PCF8591P Datasheet HTML 4Page - NXP Semiconductors PCF8591P Datasheet HTML 5Page - NXP Semiconductors PCF8591P Datasheet HTML 6Page - NXP Semiconductors PCF8591P Datasheet HTML 7Page - NXP Semiconductors PCF8591P Datasheet HTML 8Page - NXP Semiconductors PCF8591P Datasheet HTML 9Page - NXP Semiconductors PCF8591P Datasheet HTML 10Page - NXP Semiconductors PCF8591P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
2003 Jan 27
7
Philips Semiconductors
Product specification
8-bit A/D and D/A converter
PCF8591
7.3
D/A conversion
The third byte sent to a PCF8591 device is stored in the
DAC data register and is converted to the corresponding
analog voltage using the on-chip D/A converter. This D/A
converter consists of a resistor divider chain connected to
the external reference voltage with 256 taps and selection
switches. The tap-decoder switches one of these taps to
the DAC output line (see Fig.6).
The analog output voltage is buffered by an auto-zeroed
unity gain amplifier. This buffer amplifier may be switched
on or off by setting the analog output enable flag of the
control register. In the active state the output voltage is
held until a further data byte is sent.
The on-chip D/A converter is also used for successive
approximation A/D conversion. In order to release the
DAC for an A/D conversion cycle the unity gain amplifier is
equipped with a track and hold circuit. This circuit holds the
output voltage while executing the A/D conversion.
The output voltage supplied to the analog output AOUT is
given by the formula shown in Fig.7. The waveforms of a
D/A conversion sequence are shown in Fig.8.
handbook, full pagewidth
MBL826
TAP
DECODER
FF
02
01
00
R256
DAC out
R255
VREF
AGND
R3
R2
R1
D7
D6
D0
Fig.6 DAC resistor divider chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com