Electronic Components Datasheet Search
  English  ▼

X  

PCF8591P Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8591P
Description  8-bit A/D and D/A converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8591P Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8591P Datasheet HTML 14Page - NXP Semiconductors PCF8591P Datasheet HTML 15Page - NXP Semiconductors PCF8591P Datasheet HTML 16Page - NXP Semiconductors PCF8591P Datasheet HTML 17Page - NXP Semiconductors PCF8591P Datasheet HTML 18Page - NXP Semiconductors PCF8591P Datasheet HTML 19Page - NXP Semiconductors PCF8591P Datasheet HTML 20Page - NXP Semiconductors PCF8591P Datasheet HTML 21Page - NXP Semiconductors PCF8591P Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
2003 Jan 27
18
Philips Semiconductors
Product specification
8-bit A/D and D/A converter
PCF8591
handbook, halfpage
23
4
6
200
150
50
0
100
5
MBL835
VDD (V)
IDD
(
µA)
handbook, halfpage
23
4
6
160
120
40
0
80
5
MBL836
VDD (V)
IDD
(
µA)
−40 °c
+27 °c
+85 °c
Fig.18 Operating supply current as a function of supply voltage (analog output disabled).
a. Internal oscillator; Tamb = +27° C.
b. External oscillator.
handbook, halfpage
500
00
02
04
06
08
0A
0
100
200
300
400
MBL837
hex input code
D/A output
impedance (
Ω)
handbook, halfpage
500
BO
CO
DO
EO
FO
FF
0
100
200
300
400
MBL838
hex input code
D/A output
impedance (
Ω)
Fig.19 Output impedance of analog output buffer (near power rails).
a. Output impedance near negative power rail;
Tamb = +27 °C.
b. Output impedance near positive power rail;
Tamb = +27 °C.
The x-axis represents the hex input-code equivalent of the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com