Electronic Components Datasheet Search
  English  ▼

X  

PCF8591P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8591P
Description  8-bit A/D and D/A converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8591P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8591P Datasheet HTML 5Page - NXP Semiconductors PCF8591P Datasheet HTML 6Page - NXP Semiconductors PCF8591P Datasheet HTML 7Page - NXP Semiconductors PCF8591P Datasheet HTML 8Page - NXP Semiconductors PCF8591P Datasheet HTML 9Page - NXP Semiconductors PCF8591P Datasheet HTML 10Page - NXP Semiconductors PCF8591P Datasheet HTML 11Page - NXP Semiconductors PCF8591P Datasheet HTML 12Page - NXP Semiconductors PCF8591P Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2003 Jan 27
9
Philips Semiconductors
Product specification
8-bit A/D and D/A converter
PCF8591
7.4
A/D conversion
The A/D converter makes use of the successive
approximation conversion technique. The on-chip D/A
converter and a high-gain comparator are used
temporarily during an A/D conversion cycle.
An A/D conversion cycle is always started after sending a
valid read mode address to a PCF8591 device. The A/D
conversion cycle is triggered at the trailing edge of the
acknowledge clock pulse and is executed while
transmitting the result of the previous conversion (see
Fig.9).
Once a conversion cycle is triggered an input voltage
sample of the selected channel is stored on the chip and is
converted to the corresponding 8-bit binary code. Samples
picked up from differential inputs are converted to an 8-bit
twos complement code (see Figs 10 and 11).
The conversion result is stored in the ADC data register
and awaits transmission. If the auto-increment flag is set
the next channel is selected.
The first byte transmitted in a read cycle contains the
conversion result code of the previous read cycle. After a
Power-on reset condition the first byte read is a
hexadecimal 80. The protocol of an I2C-bus read cycle is
shown in Chapter 8, Figs 16 and 17.
The maximum A/D conversion rate is given by the actual
speed of the I2C-bus.
handbook, full pagewidth
S
1
A
A
A
A
ADDRESS
DATA BYTE 1
DATA BYTE 2
DATA BYTE 0
12
9
81
91
91
PROTOCOL
SCL
SDA
conversion of byte 2
conversion of byte 3
conversion of byte 1
transmission
of previously
converted byte
sampling byte 2
sampling byte 3
sampling byte 1
transmission
of byte 1
transmission
of byte 2
MBL829
Fig.9 A/D conversion sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com