Electronic Components Datasheet Search
  English  ▼

X  

PMGD280UN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMGD280UN
Description  Dual N-channel mTrenchMOS ultra low level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMGD280UN Datasheet(HTML) 5 Page - NXP Semiconductors

  PMGD280UN Datasheet HTML 1Page - NXP Semiconductors PMGD280UN Datasheet HTML 2Page - NXP Semiconductors PMGD280UN Datasheet HTML 3Page - NXP Semiconductors PMGD280UN Datasheet HTML 4Page - NXP Semiconductors PMGD280UN Datasheet HTML 5Page - NXP Semiconductors PMGD280UN Datasheet HTML 6Page - NXP Semiconductors PMGD280UN Datasheet HTML 7Page - NXP Semiconductors PMGD280UN Datasheet HTML 8Page - NXP Semiconductors PMGD280UN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
PMGD280UN
Dual N-channel
µTrenchMOS™ ultra low level FET
Product data
Rev. 01 — 10 February 2004
5 of 12
9397 750 12763
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID =1 µA; VGS =0V
Tj =25 °C
20
--V
Tj = −55 °C
18
--V
VGS(th)
gate-source threshold voltage
ID = 0.25 mA; VDS =VGS; Figure 9
Tj =25 °C
0.45
0.7
1
V
Tj = 150 °C
0.25
-
-
V
Tj = −55 °C
-
-
1.2
V
IDSS
drain-source leakage current
VDS =20V; VGS =0V
Tj =25 °C
--1
µA
Tj = 150 °C
-
-
100
µA
IGSS
gate-source leakage current
VGS = ±8 V; VDS = 0 V
-
10
100
nA
RDSon
drain-source on-state resistance
VGS = 4.5 V; ID = 0.2 A; Figure 7 and 8
Tj =25 °C
-
280
340
m
Ω
Tj = 150 °C
-
448
544
m
Ω
VGS = 2.5 V; ID = 0.1 A; Figure 7 and 8
-
360
430
m
Ω
VGS = 1.8 V; ID = 0.075 A; Figure 7 and 8
-
460
660
m
Ω
Dynamic characteristics
Qg(tot)
total gate charge
ID = 1 A; VDD =10V; VGS = 4.5 V;
Figure 13
-
0.89
-
nC
Qgs
gate-source charge
-
0.13
-
nC
Qgd
gate-drain (Miller) charge
-
0.18
-
nC
Ciss
input capacitance
VGS =0V; VDS = 20 V; f = 1 MHz;
Figure 11
-45
-
pF
Coss
output capacitance
-
11
-
pF
Crss
reverse transfer capacitance
-
7
-
pF
td(on)
turn-on delay time
VDD =10V; RL =10 Ω;
VGS = 4.5 V; RG =6 Ω
-
4.5
-
ns
tr
rise time
-10
-
ns
td(off)
turn-off delay time
-
18.5
-
ns
tf
fall time
-5
-ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 0.3 A; VGS =0V; Figure 12
-
0.83
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com