Electronic Components Datasheet Search
  English  ▼

X  

PMGD280UN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMGD280UN
Description  Dual N-channel mTrenchMOS ultra low level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMGD280UN Datasheet(HTML) 1 Page - NXP Semiconductors

  PMGD280UN Datasheet HTML 1Page - NXP Semiconductors PMGD280UN Datasheet HTML 2Page - NXP Semiconductors PMGD280UN Datasheet HTML 3Page - NXP Semiconductors PMGD280UN Datasheet HTML 4Page - NXP Semiconductors PMGD280UN Datasheet HTML 5Page - NXP Semiconductors PMGD280UN Datasheet HTML 6Page - NXP Semiconductors PMGD280UN Datasheet HTML 7Page - NXP Semiconductors PMGD280UN Datasheet HTML 8Page - NXP Semiconductors PMGD280UN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PMGD280UN
Dual N-channel
µTrenchMOS™ ultra low level FET
Rev. 01 — 10 February 2004
Product data
MBD128
1.
Product profile
1.1 Description
Dual N-channel enhancement mode field-effect transistor in a plastic package using
TrenchMOS™ technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
s Surface mounted package
s Footprint 40% smaller than SOT23
s Dual device
s Fast switching
s Low on-state resistance
s Low threshold voltage.
s Driver circuits
s Switching in portable appliances.
s VDS ≤ 20 V
s ID ≤ 0.87 A
s Ptot ≤ 0.41 W
s RDSon ≤ 340 mΩ.
Table 1:
Pinning - SOT363 (SC-88), simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
source (s1)
SOT363 (SC-88)
2
gate (g1)
3
drain (d2)
4
source (s2)
5
gate (g2)
6
drain (d1)
MSA370
12
3
65
4
Top view
s1
d1
g1
s2
MSD901
d2
g2


Similar Part No. - PMGD280UN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMGD280UN NEXPERIA-PMGD280UN Datasheet
212Kb / 13P
Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 10 February 2004
logo
TECH PUBLIC Electronics...
PMGD280UN-TP TECHPUBLIC-PMGD280UN-TP Datasheet
1Mb / 4P
20V/-12V N-Channel P-Channel Enhancement Mode MOSFET
More results

Similar Description - PMGD280UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMR400UN PHILIPS-PMR400UN Datasheet
90Kb / 12P
N-channel mTrenchMOS ultra low level FET
Rev. 01-3 March 2004
PMWD18UN PHILIPS-PMWD18UN Datasheet
92Kb / 12P
Dual N-channel mTrenchMOS ultra low level FET
Rev. 02-23 February 2004
PMWD15UN PHILIPS-PMWD15UN Datasheet
88Kb / 12P
Dual N-channel mTrenchMOS ultra low level FET
Rev. 04-5 April 2005
PMGD290XN PHILIPS-PMGD290XN Datasheet
96Kb / 12P
Dual N-channel mTrenchMOS extremely low level FET
Rev. 01-26 February 2004
PMR280UN PHILIPS-PMR280UN Datasheet
89Kb / 12P
N-channel mTrenchMOS ultra low level FET
Rev. 01-5 March 2004
PMF400UN PHILIPS-PMF400UN Datasheet
91Kb / 12P
N-channel mTrenchMOS ultra low level FET
Rev. 01-11 February 2004
PMGD400UN PHILIPS-PMGD400UN Datasheet
93Kb / 12P
Dual N-channel mTrenchMOS??ultra low level FET
Rev. 01-3 March 2004
logo
Nexperia B.V. All right...
PMF400UN NEXPERIA-PMF400UN Datasheet
209Kb / 13P
N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 11 February 2004
PMGD280UN NEXPERIA-PMGD280UN Datasheet
212Kb / 13P
Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 10 February 2004
PMGD400UN NEXPERIA-PMGD400UN Datasheet
213Kb / 13P
Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 3 March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com