Electronic Components Datasheet Search
  English  ▼

X  

PMGD280UN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMGD280UN
Description  Dual N-channel mTrenchMOS ultra low level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMGD280UN Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMGD280UN Datasheet HTML 2Page - NXP Semiconductors PMGD280UN Datasheet HTML 3Page - NXP Semiconductors PMGD280UN Datasheet HTML 4Page - NXP Semiconductors PMGD280UN Datasheet HTML 5Page - NXP Semiconductors PMGD280UN Datasheet HTML 6Page - NXP Semiconductors PMGD280UN Datasheet HTML 7Page - NXP Semiconductors PMGD280UN Datasheet HTML 8Page - NXP Semiconductors PMGD280UN Datasheet HTML 9Page - NXP Semiconductors PMGD280UN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
PMGD280UN
Dual N-channel
µTrenchMOS™ ultra low level FET
Product data
Rev. 01 — 10 February 2004
6 of 12
9397 750 12763
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Tj =25 °CTj =25 °C and 150 °C; VDS > ID xRDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03an02
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
VDS (V)
ID
(A)
4.5 V 3 V
2.5 V
2 V
1.8 V
VGS = 1.5 V
03an04
0
0.5
1
1.5
2
2.5
01
23
4
VGS (V)
ID
(A)
VDS > ID x RDSon
Tj = 150 °C
25
°C
03an03
0
0.2
0.4
0.6
0.8
1
00.5
11.5
22.5
ID (A)
RDSon
(
Ω)
4.5 V
3 V
2.5 V
2 V
VGS = 1.8 V
03af18
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (°C)
a
a
R
DSon
R
DSon 25 C
°
()
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com