Electronic Components Datasheet Search
  English  ▼

X  

RF106 Datasheet(PDF) 3 Page - Synaptics Incorporated.

Part # RF106
Description  RF106 900 MHz Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF106 Datasheet(HTML) 3 Page - Synaptics Incorporated.

  RF106 Datasheet HTML 1Page - Synaptics Incorporated. RF106 Datasheet HTML 2Page - Synaptics Incorporated. RF106 Datasheet HTML 3Page - Synaptics Incorporated. RF106 Datasheet HTML 4Page - Synaptics Incorporated. RF106 Datasheet HTML 5Page - Synaptics Incorporated. RF106 Datasheet HTML 6Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RF106 900 MHz Power Amplifier
W118
Conexant
3
2/1/99
Interface Description
Table 1 describes the pin signals for the RF106.
Table 1. Pin Signal Description
Pin No. Name
Description
1
RFOUT
Power amplifier output
Connect to power supply through an inductor; matching network required before connecting to antenna.
2
GND1
Ground
3
MATCH Interstage matching
Connect to ground through a 1.5 nH (typical) inductor.
4
VCC1
Power supply
5
NC
Not used
Connect to ac ground, Vcc or ground (Figure 3).
6
VCC2
Power supply
Internally connected to middle stage matching network.
7
NC
Not used
Connect to ac ground, Vcc or ground (Figure 3).
8
VCC3
Power supply
9
GND2
Ground
10
ENABLE Chip enable (active high)
11
RFIN
Power amplifier input
12
GND3
Ground
13
GND4
Ground
14
GND5
Ground
15
NC
Not used
Connect to ac ground, Vcc or ground (Figure 3).
16
NC
Not used
Connect to ac ground, Vcc or ground (Figure 3).
17
GND6
Ground
18
GND7
Ground
19
GND8
Ground
20
GND9
Ground



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com