Electronic Components Datasheet Search
  English  ▼

X  

RF106 Datasheet(PDF) 4 Page - Synaptics Incorporated.

Part # RF106
Description  RF106 900 MHz Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF106 Datasheet(HTML) 4 Page - Synaptics Incorporated.

  RF106 Datasheet HTML 1Page - Synaptics Incorporated. RF106 Datasheet HTML 2Page - Synaptics Incorporated. RF106 Datasheet HTML 3Page - Synaptics Incorporated. RF106 Datasheet HTML 4Page - Synaptics Incorporated. RF106 Datasheet HTML 5Page - Synaptics Incorporated. RF106 Datasheet HTML 6Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF106 900 MHz Power Amplifier
4
Conexant
W118
2/1/98
Specifications
Table 2 lists the absolute maximum ratings for the RF106.
Table 3 gives the electrical specifications for the RF106.
Table 2. Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
Supply voltage (Vcc) (note 1)
+5
V
Input voltage range (note 1)
GND
VCC
V
Power dissipation @ high output power mode
400
mW
Ambient operating temperature
–10
+70
°C
Storage temperature
–40
+125
°C
Notes:
1.
Voltages are referenced to GND.
Table 3. RF106 Electrical Specifications (note 1)
Parameter
Min.
Typ.
Max.
Units
Gain variation vs. frequency (902–928 MHz)
±0.15
±0.75
dB
Peak-Envelope output Power (PEP) (note 2)
18
21
22
dBm
RF gain
26
29
30
dB
Total supply current:
Output PEP = 21 dBm
Output PEP = 11 dBm
Output PEP = 1 dBm
Standby (note 5)
95 (note 2)
40 (note 3)
30 (note 4)
< 1
mA
mA
mA
µA
IM3: PEP
≤ 21 dBm
–21
–17
dBc
Output VSWR for unconditional stability
10:1
RF input return loss (902–928 MHz)
–9.5
dB
RF output-to-input isolation @ 915 MHz
50
dB
RF input impedance
50
Ω
RFOUT passband 3dB BW around 915 MHz
250
MHz
VIH for ENABLE
1.9
V
VIL for ENABLE
0.8
V
IIH for ENABLE
50
60
µA
IIL for ENABLE
–10
–1
0
µA
Power supply for specified performance
3.0
3.6
5.0
V
Power supply range
2.7
3.6
5.0
V
Operating temperature range
–10
25
70
°C
Notes:
1.
Test conditions: TA = 25 °C, VCC = 3.3V, fREF = 915 MHz
2.
With continuous wave RF input signal of –8 dBm.
3.
With continuous wave RF input signal of –18 dBm.
4.
With continuous wave RF input signal of –28 dBm.
5.
When ENABLE (pin 10) is low.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com