Electronic Components Datasheet Search
  English  ▼

X  

RF106 Datasheet(PDF) 5 Page - Synaptics Incorporated.

Part # RF106
Description  RF106 900 MHz Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF106 Datasheet(HTML) 5 Page - Synaptics Incorporated.

  RF106 Datasheet HTML 1Page - Synaptics Incorporated. RF106 Datasheet HTML 2Page - Synaptics Incorporated. RF106 Datasheet HTML 3Page - Synaptics Incorporated. RF106 Datasheet HTML 4Page - Synaptics Incorporated. RF106 Datasheet HTML 5Page - Synaptics Incorporated. RF106 Datasheet HTML 6Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RF106 900 MHz Power Amplifier
W118
Conexant
5
2/1/99
Device Dimensions
Package dimensions for the RF106 are given in Figure 4.
SIDE VIEW
TOP VIEW
See detail A
c
A1
DETAIL A
L
L1
Ref: 20-PIN TSSOP (GP00-D296)
A
A2
E1
e
b
E1
D
*Metric values (millimeters) should be used for PCB
layout. English values (inches) are converted from
metric values and may contain round-off errors.
Dim.
Millimeters
Min.
Max.
Min.
Max.
Inches*
A1
0.05
0.10
0.0020 0.0039
A
1.20 MAX
0.0473 MAX
A2
0.90 NOM
0.0354 NOM
D
6.45
6.55
0.2540 0.2580
E
6.30
6.50
0.2481 0.2560
L
0.50
0.75
0.0197 0.0295
e
0.65 BSC
0.0256 BSC
b
0.17
0.27
0.0067 0.0106
c
0.13
0.20
0.0051 0.0079
Coplanarity
0.08 MAX
0.003 MAX
L1
1.00 REF
0.0394 REF
E1
4.30
4.50
0.1694 0.1772
E
PIN 1 REF
Figure 4. Package Dimensions – 20-pin TSSOP
Information provided by Conexant Systems, Inc. is believed to be accurate and reliable. However, no responsibility is
assumed by Conexant for its use, nor any infringement of patents or other rights of third parties which may result from its use.
No license is granted by implication or otherwise under any patent rights of Conexant other than for circuitry embodied in
Conexant products. Conexant reserves the right to change circuitry at any time without notice. This document is subject to
change without notice.
Conexant, “What’s Next in Communications Technologies” and diSSTance are trademarks of Conexant Systems, Inc.
Product names or services listed in this publication are for identification purposes only, and may be trademarks or registered
trademarks of their respective companies. All other marks mentioned herein are the property of their respective holders.
©1999, Conexant Systems, Inc.
Printed in U.S.A.
All Rights Reserved



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com