Electronic Components Datasheet Search
  English  ▼

X  

18F4539 Datasheet(PDF) 3 Page - Microchip Technology

Part # 18F4539
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F4539 Datasheet(HTML) 3 Page - Microchip Technology

  18F4539 Datasheet HTML 1Page - Microchip Technology 18F4539 Datasheet HTML 2Page - Microchip Technology 18F4539 Datasheet HTML 3Page - Microchip Technology 18F4539 Datasheet HTML 4Page - Microchip Technology 18F4539 Datasheet HTML 5Page - Microchip Technology 18F4539 Datasheet HTML 6Page - Microchip Technology 18F4539 Datasheet HTML 7Page - Microchip Technology 18F4539 Datasheet HTML 8Page - Microchip Technology 18F4539 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 1
PIC18FXX39
High Performance RISC CPU:
• Linear program memory addressing to 24 Kbytes
• Linear data memory addressing to 1.4 Kbytes
• 20 MHz operation (5 MIPs):
- 20 MHz oscillator/clock input
- 5 MHz oscillator/clock input with PLL active
• 16-bit wide instructions, 8-bit wide data path
• 8 x 8 Single Cycle Hardware Multiplier
Special Microcontroller Features:
• 100,000 erase/write cycle Enhanced FLASH
program memory typical
• 1,000,000 erase/write cycle Data EEPROM memory
• FLASH/Data EEPROM Retention: > 100 years
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Programmable code protection
• Power saving SLEEP mode
• Single supply 5V In-Circuit Serial Programming™
(ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
Analog Features:
• Compatible 10-bit Analog-to-Digital Converter
module (A/D) with:
- Fast sampling rate
- Conversion available during SLEEP
- DNL = ±1 LSb, INL = ±1 LSb
• Programmable Low Voltage Detection (PLVD)
- Supports interrupt on Low Voltage Detection
• Programmable Brown-out Reset (BOR)
Peripheral Features:
• High current sink/source 25 mA/25 mA
• Three external interrupt pins
• Timer0 module: 8-bit/16-bit timer/counter with
8-bit programmable prescaler
• Timer1 module: 16-bit timer/counter
• Timer3 module: 16-bit timer/counter
• Secondary oscillator clock option - Timer1/Timer3
• Two PWM modules:
- Resolution is 1- to 10-bit,
Max. PWM freq. @ 8-bit resolution = 156 kHz
10-bit resolution = 39 kHz
• Single Phase Induction Motor Control kernel
- Programmable Motor Control Technology
(ProMPT™) provides open loop Variable
Frequency (VF) control
- User programmable Voltage vs. Frequency
curve
- Most suitable for shaded pole and permanent
split capacitor type motors
• Master Synchronous Serial Port (MSSP) module
with two modes of operation:
- 3-wire SPI™ (supports all 4 SPI modes)
-I2C™ Master and Slave mode
• Addressable USART module:
- Supports RS-485 and RS-232
• Parallel Slave Port (PSP) module
CMOS Technology:
• Low power, high speed FLASH/EEPROM
technology
• Fully static design
• Wide operating voltage range (2.0V to 5.5V)
• Industrial and Extended temperature ranges
Device
Program Memory
Data Memory
I/O
Pins
10-bit
A/D (ch)
PWM
10-bit
MSSP
AUSART
Timers
16-bit/WDT
Bytes
Words
SRAM
(Bytes)
EEPROM
(Bytes)
SPI
Master
I2C
PIC18F2439
12K
6144
640
256
21
5
2
Yes
Yes
Yes
3/1
PIC18F2539
24K
12288
1408
256
21
5
2
Yes
Yes
Yes
3/1
PIC18F4439
12K
6144
640
256
32
8
2
Yes
Yes
Yes
3/1
PIC18F4539
24K
12288
1408
256
32
8
2
Yes
Yes
Yes
3/1
Enhanced FLASH Microcontrollers with
Single Phase Induction Motor Control Kernel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com