Electronic Components Datasheet Search
  English  ▼

X  

18F4539 Datasheet(PDF) 19 Page - Microchip Technology

Part # 18F4539
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F4539 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 18F4539 Datasheet HTML 15Page - Microchip Technology 18F4539 Datasheet HTML 16Page - Microchip Technology 18F4539 Datasheet HTML 17Page - Microchip Technology 18F4539 Datasheet HTML 18Page - Microchip Technology 18F4539 Datasheet HTML 19Page - Microchip Technology 18F4539 Datasheet HTML 20Page - Microchip Technology 18F4539 Datasheet HTML 21Page - Microchip Technology 18F4539 Datasheet HTML 22Page - Microchip Technology 18F4539 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 17
PIC18FXX39
PORTD is a bi-directional I/O port, or a Parallel Slave
Port (PSP) for interfacing to a microprocessor port.
These pins have TTL input buffers when PSP module
is enabled.
RD0/PSP0
RD0
PSP0
19
38
38
I/O
ST
TTL
Digital I/O.
Parallel Slave Port Data.
RD1/PSP1
RD1
PSP1
20
39
39
I/O
ST
TTL
Digital I/O.
Parallel Slave Port Data.
RD2/PSP2
RD2
PSP2
21
40
40
I/O
ST
TTL
Digital I/O.
Parallel Slave Port Data.
RD3/PSP3
RD3
PSP3
22
41
41
I/O
ST
TTL
Digital I/O.
Parallel Slave Port Data.
RD4/PSP4
RD4
PSP4
27
2
2
I/O
ST
TTL
Digital I/O.
Parallel Slave Port Data.
RD5/PSP5
RD5
PSP5
28
3
3
I/O
ST
TTL
Digital I/O.
Parallel Slave Port Data.
RD6/PSP6
RD6
PSP6
29
4
4
I/O
ST
TTL
Digital I/O.
Parallel Slave Port Data.
RD7/PSP7
RD7
PSP7
30
5
5
I/O
ST
TTL
Digital I/O.
Parallel Slave Port Data.
TABLE 1-3:
PIC18F4X39 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
DIP
QFN TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O= Output
P
= Power
OD = Open Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com