Electronic Components Datasheet Search
  English  ▼

X  

18F4539 Datasheet(PDF) 30 Page - Microchip Technology

Part # 18F4539
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F4539 Datasheet(HTML) 30 Page - Microchip Technology

Back Button 18F4539 Datasheet HTML 26Page - Microchip Technology 18F4539 Datasheet HTML 27Page - Microchip Technology 18F4539 Datasheet HTML 28Page - Microchip Technology 18F4539 Datasheet HTML 29Page - Microchip Technology 18F4539 Datasheet HTML 30Page - Microchip Technology 18F4539 Datasheet HTML 31Page - Microchip Technology 18F4539 Datasheet HTML 32Page - Microchip Technology 18F4539 Datasheet HTML 33Page - Microchip Technology 18F4539 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 322 page
background image
PIC18FXX39
DS30485A-page 28
Preliminary
 2002 Microchip Technology Inc.
ADRESH
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
2439 4439 2539 4539
0000 00-0
0000 00-0
uuuu uu-u
ADCON1
2439 4439 2539 4539
00-- 0000
00-- 0000
uu-- uuuu
CCPR1H
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L*
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON*
2439 4439 2539 4539
--00 0000
--00 0000
--uu uuuu
CCPR2H
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L*
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON*
2439 4439 2539 4539
--00 0000
--00 0000
--uu uuuu
TMR3H
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
2439 4439 2539 4539
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
2439 4439 2539 4539
0000 0000
uuuu uuuu
uuuu uuuu
SPBRG
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu
RCREG
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu
TXREG
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu
TXSTA
2439 4439 2539 4539
0000 -010
0000 -010
uuuu -uuu
RCSTA
2439 4439 2539 4539
0000 000x
0000 000x
uuuu uuuu
EEADR
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu
EEDATA
2439 4439 2539 4539
0000 0000
0000 0000
uuuu uuuu
EECON1
2439 4439 2539 4539
xx-0 x000
uu-0 u000
uu-0 u000
EECON2
2439 4439 2539 4539
---- ----
---- ----
---- ----
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as '0', q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
* These registers are retained to maintain compatibility with PIC18FXX2 devices; however, one or more bits
are reserved. Users should not modify the value of these bits. See Section 4.9.2 for details.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
Oscillator modes, they are disabled and read ‘0’.
6: Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they are read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com