Electronic Components Datasheet Search
  English  ▼

X  

CP10.481 Datasheet(PDF) 13 Page - PULS GmbH

Part # CP10.481
Description  48V, 5.4A, 260W, SINGLE PHASE INPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.481 Datasheet(HTML) 13 Page - PULS GmbH

Back Button CP10.481 Datasheet HTML 9Page - PULS GmbH CP10.481 Datasheet HTML 10Page - PULS GmbH CP10.481 Datasheet HTML 11Page - PULS GmbH CP10.481 Datasheet HTML 12Page - PULS GmbH CP10.481 Datasheet HTML 13Page - PULS GmbH CP10.481 Datasheet HTML 14Page - PULS GmbH CP10.481 Datasheet HTML 15Page - PULS GmbH CP10.481 Datasheet HTML 16Page - PULS GmbH CP10.481 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
CP10.481
CP-Series
48V, 5.4A, 260W, SINGLE PHASE INPUT
13. TERMINALS AND WIRING
The terminals are IP20 finger safe constructed and suitable for field- and factory wiring.
Input and output
DC-OK-Signal
Type
Screw terminals
Push-in terminals
Solid wire
Max. 6mm2
Max. 1.5mm2
Stranded wire
Max. 4mm2
Max. 1.5mm2
American Wire Gauge
AWG 20-10
AWG 24-16
Wire diameter
Max. 2.8mm (including ferrules)
Max. 1.6mm (including ferrules)
Wire stripping length
7mm / 0.28inch
7mm / 0.28inch
Screwdriver
3.5mm slotted or cross-head No 2
Not required
Recommended tightening torque
1Nm, 9lb.in
Not applicable
Instructions:
a)
Use appropriate copper cables that are designed for minimum operating temperatures of:
60°C for ambient up to 45°C and
75°C for ambient up to 60°C minimum
90°C for ambient up to 70°C minimum.
b)
Follow national installation codes and installation regulations!
c)
Ensure that all strands of a stranded wire enter the terminal connection!
d)
Unused terminal compartments should be securely tightened.
e)
Ferrules are allowed.
Daisy chaining:
Daisy chaining (jumping from one power supply output to the next) is allowed as long as the average output current
through one terminal pin does not exceed 25A. If the current is higher, use a separate distribution terminal block as
shown in Fig. 13-2.
Fig. 13-1 Daisy chaining of outputs
Fig. 13-2 Using distribution terminals
Load
+
-
Power
Supply
+ +
- -
Output
Power
Supply
+ +
- -
Output
max 25A!
continuous
Distribution
Terminals
Load
+
-
Power
Supply
+ +
- -
Output
Power
Supply
+ +
- -
Output
Aug. 2017 / Rev. 1.2 DS-CP10.481-EN
All parameters are specified at 48V, 5.4A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com