Electronic Components Datasheet Search
  English  ▼

X  

CP10.481 Datasheet(PDF) 4 Page - PULS GmbH

Part # CP10.481
Description  48V, 5.4A, 260W, SINGLE PHASE INPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.481 Datasheet(HTML) 4 Page - PULS GmbH

  CP10.481 Datasheet HTML 1Page - PULS GmbH CP10.481 Datasheet HTML 2Page - PULS GmbH CP10.481 Datasheet HTML 3Page - PULS GmbH CP10.481 Datasheet HTML 4Page - PULS GmbH CP10.481 Datasheet HTML 5Page - PULS GmbH CP10.481 Datasheet HTML 6Page - PULS GmbH CP10.481 Datasheet HTML 7Page - PULS GmbH CP10.481 Datasheet HTML 8Page - PULS GmbH CP10.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
CP10.481
CP-Series
48V, 5.4A, 260W, SINGLE PHASE INPUT
3. AC-INPUT
AC input
Nom.
AC 100-240V
Suitable for TN-, TT- and IT mains networks
AC input range
Min.
85-264Vac
Continuous operation
Below 90Vac, reduce output current according to Fig.
3-5.
Min.
264-300Vac
For maximal 500ms
Allowed voltage L or N to earth
Max.
300Vac
Continuous according to IEC 62477-1
Input frequency
Nom.
50–60Hz
±6%
Turn-on voltage
Typ.
80Vac
Steady-state value, see Fig. 3-1
Shut-down voltage
Typ.
70Vac
Steady-state value, see Fig. 3-1
Typ.
55Vac
Dynamic value for maximal 250ms
External input protection
See recommendations in chapter 24.3.
AC 100V
AC 120V
AC 230V
Input current
Typ.
2.82A
2.32A
1.20A
At 48V, 5.4A, see Fig. 3-3
Power factor*)
Typ.
0.99
0.99
0.98
At 48V, 5.4A, see Fig. 3-4
Crest factor**)
Typ.
1.5
1.5
1.65
At 48V, 5.4A
Start-up delay
Typ.
300ms
290ms
240ms
See Fig. 3-2
Rise time
Typ.
63ms
63ms
63ms
At 48V, 5.4A const. current load,
0mF load capacitance, see Fig. 3-2
Typ.
210ms
210ms
210ms
At 48V, 5.4A const. current load,
5mF load capacitance, see Fig. 3-2
Turn-on overshoot
Max.
200mV
200mV
200mV
See Fig. 3-2
External input protection
See recommendations in chapter 24.3.
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
90V
Rated
input range
max.
500ms
V
IN
P
OUT
4/29
300Vac
264V
Start-up
Rise
delay
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output current at
48V output voltage
Fig. 3-4 Power factor vs. output current at
48V output voltage
6A
0.5 1 1.5 2 2.5 3 3.5 4 4.5
0
0.5
1.0
1.5
2.0
2.5
3A
Input Current, typ.
55.5
a) 100Vac
b) 120Vac
c) 230Vac
Output Current
(a)
(b)
(c)
Power Factor, typ.
0.5 1 1.5 2 2.5 3 3.5 4 4.5
6A
0.75
0.8
0.85
0.9
0.95
1.0
55.5
Output Current
(a) 100Vac,
(b) 120Vac,
(c) 230Vac
(a)
(b)
(c)
Aug. 2017 / Rev. 1.2 DS-CP10.481-EN
All parameters are specified at 48V, 5.4A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com