Electronic Components Datasheet Search
  English  ▼

X  

CP10.481 Datasheet(PDF) 24 Page - PULS GmbH

Part # CP10.481
Description  48V, 5.4A, 260W, SINGLE PHASE INPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.481 Datasheet(HTML) 24 Page - PULS GmbH

Back Button CP10.481 Datasheet HTML 20Page - PULS GmbH CP10.481 Datasheet HTML 21Page - PULS GmbH CP10.481 Datasheet HTML 22Page - PULS GmbH CP10.481 Datasheet HTML 23Page - PULS GmbH CP10.481 Datasheet HTML 24Page - PULS GmbH CP10.481 Datasheet HTML 25Page - PULS GmbH CP10.481 Datasheet HTML 26Page - PULS GmbH CP10.481 Datasheet HTML 27Page - PULS GmbH CP10.481 Datasheet HTML 28Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
CP10.481
CP-Series
48V, 5.4A, 260W, SINGLE PHASE INPUT
24. APPLICATION NOTES
24.1. PEAK CURRENT CAPABILITY
The unit can deliver peak currents (up to several milliseconds) which are higher than the specified short term currents.
This helps to start current demanding loads. Solenoids, contactors and pneumatic modules often have a steady state
coil and a pick-up coil. The inrush current demand of the pick-up coil is several times higher than the steady-state
current and usually exceeds the nominal output current (including the PowerBoost). The same situation applies when
starting a capacitive load.
The peak current capability also ensures the safe operation of subsequent circuit breakers of load circuits. The load
branches are often individually protected with circuit breakers or fuses. In case of a short or an overload in one branch
circuit, the fuse or circuit breaker need a certain amount of over-current to open in a timely manner. This avoids
voltage loss in adjacent circuits.
The extra current (peak current) is supplied by the power converter and the built-in large sized output capacitors of
the power supply. The capacitors get discharged during such an event, which causes a voltage dip on the output. The
following two examples show typical voltage dips for resistive loads:
Fig. 24-1
10.8A peak current for 50ms , typ.
(2x the nominal current)
Fig. 24-2 27A peak current for 5ms , typ.
(5x the nominal current)
Output
Voltage
48V
Output
Voltage
48V
24/29
10ms/DIV
Output
Current
0A
10.8A
30.5V
Output
Current
1ms/DIV
0A
27A
25.3V
Fig. 24-3 16A peak current for 12ms , typ.
(3x the nominal current)
48V
10ms/DIV
Output Voltage
Output Current
0A
12ms
16A
19.3V
Please note: The DC-OK relay triggers when the voltage
dips more than 10% for longer than 1ms.
Peak current voltage dips
Typically from 48V to 30.5V
At 10.8A for 50ms, resistive load
Typically from 48V to 30.0V
At 27A for 2ms, resistive load
Typically from 48V to 25.3V
At 27A for 5ms, resistive load
Aug. 2017 / Rev. 1.2 DS-CP10.481-EN
All parameters are specified at 48V, 5.4A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com