Electronic Components Datasheet Search
  English  ▼

X  

MB3000ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MB3000ERW
Description  Low Cost, 1 x 2 Inch 30W, 2:1 Input Range DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB3000ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MB3000ERW Datasheet HTML 1Page - MicroPower Direct, LLC MB3000ERW Datasheet HTML 2Page - MicroPower Direct, LLC MB3000ERW Datasheet HTML 3Page - MicroPower Direct, LLC MB3000ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
1. Start up time is measured at nominal input and with a constant resistive
load.
2. When measuring output ripple, it is recommended that an external
ceramic capacitor (approx 1 µF to 10 µF) be placed from the +VOUT to the
-VOUT pins.
3. Transient recovery is measured to within a 1% error band for a load step
change of 25%.
4. Short circuit protection is provided by a “hiccup mode” circuit.
5. If the on/off pin is left open, the unit operates. If it is grounded, the unit
will shut off.
6. These units should not be operated with a load under 10% of full load.
Operation at no-load will not damage the unit, but they may not meet all
specifications.
7. These units should not be operated over +85°C. Exceeding +85°C may
damage the unit.
8. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Over
Voltage
Protection
(VDC Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min
)
Nominal
Range
Full-Load No-Load
MB3024S-03ERW
24
18.0 - 36.0
960
120
3.3
6,000
600
87
3.96
6,800
2,000
MB3024S-05ERW
24
18.0 - 36.0
1,460
120
5.0
6,000
600
88
6.00
6,800
3,000
MB3024S-09ERW
24
18.0 - 36.0
1,440
20
9.0
3,333
333
88
10.8
680
3,000
MB3024S-12ERW
24
18.0 - 36.0
1,440
20
12.0
2,500
250
88
15.0
680
3,000
MB3024S-15ERW
24
18.0 - 36.0
1,440
20
15.0
2,000
200
89
18.0
680
3,000
MB3024S-24ERW
24
18.0 - 36.0
1,440
20
24.0
1,250
125
89
28.0
470
3,000
MB3048S-03ERW
48
36.0 - 75.0
500
80
3.3
6,000
600
87
3.96
6,800
1,000
MB3048S-05ERW
48
36.0 - 75.0
730
80
5.0
6,000
600
88
6.00
6,800
1,500
MB3048S-12ERW
48
36.0 - 75.0
720
20
12.0
2,500
250
89
15.0
680
1,500
MB3048S-15ERW
48
36.0 - 75.0
720
20
15.0
2,000
200
89
18.0
680
1,500
MB3048S-24ERW
48
36.0 - 75.0
720
20
24.0
1,250
125
88
28.0
470
1,500
Derating Curve, Output Voltage <5V
External Trim
External Trim Notes:
On single output units, an external resistor can be used to adjust the converter
output up/down by about 10%. The connection is shown in the diagram at left. The
required resistor value is calculated by the formulas:
Where RTRIM = The value of the external trim resistor
VTRIM = The amount of voltage adjustment required
The value of R1, R2, R3 and VREF are given in the table below.
Trim Down = RTRIM =
R1 - A
A
$ R1 -R
3
Where A =
VREF
VTRIM - VREF $R
2
Trim UP = RTRIM =
R2 - A
A
$ R2 -R
3
Where A =
VTRIM - VREF
VREF
$ R1
Parameter
Output Voltage (VDC)
3.3
5.0
9.0
12
15
24
R1 (k )
4.801
2.883
7.500
10.971
14.497
24.872
R2 (k )
2.863
2.864
2.864
2.864
2.864
2.864
R3 (k )
15.00
10.00
15.00
17.80
17.80
20.00
VREF (V)
1.24
2.50
2.50
2.50
2.50
2.50
Derating Curve, Output Voltage >5V
Output Trim Resistor Values



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com