Electronic Components Datasheet Search
  English  ▼

X  

MB3000ERW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MB3000ERW
Description  Low Cost, 1 x 2 Inch 30W, 2:1 Input Range DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB3000ERW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MB3000ERW Datasheet HTML 1Page - MicroPower Direct, LLC MB3000ERW Datasheet HTML 2Page - MicroPower Direct, LLC MB3000ERW Datasheet HTML 3Page - MicroPower Direct, LLC MB3000ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features:
• 30W Output Power
• 2:1 Input Voltage Range
• 1,500 VDC Isolation
• 11 Single Output Models
• Efficiency to 89%
• Compact 1 x 2 Inch Case
• -40°C to +85°C Operation
• Industry Standard Pin-Out
• Low Cost
MB3000ERW
Low Cost, 1 x 2 Inch
30W, 2:1 Input Range
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
24 VDC Input
18.0
24.0
36.0
VDC
48 VDC Input
36.0
48.0
75.0
Input Start Voltage
24 VDC Input
17.8
18.0
VDC
48 VDC Input
35.8
36.0
Input Filter
(Pi) Filter
Start-Up Time
See Note 1
10
mS
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Trim Range
±10
%
Line Regulation
VIN = Min to Max
±0.2
±0.5
%
Load Regulation
IOUT = 10% to 100%
±0.5
±1.0
%
Ripple & Noise (20 MHz)
See Note 2
50
120
mV P - P
Transient Recovery Time, See Note 3
25% Load Step Change
300
500
µS
Transient Response Deviation
±3.0
±5.0
%
Output Power Protection
120
130
150
%
Temperature Coefficient
±0.02
%/°C
Output Short Circuit, See Note 4
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz/0.1V
1,000
pF
Switching Frequency
300
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 4))
Case Material
Aluminum Alloy With Non-Conductive Base (UL94-V0)
Weight
0.78 Oz (22g)
Remote On/Off
Parameter
Conditions
Min.
Typ.
Max.
Units
Unit On
See Note 5
3.0
40.0
VDC
Unit Off
See Note 5
0
1.2
VDC
Off Idle Current
1.0
mA
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Vibration
10 - 55 Hz, 10G, 30 Min, on X, Y & Z Axis
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case for 10 Sec
300
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - MB3000ERW

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MB300S02M5 APTSEMI-MB300S02M5 Datasheet
114Kb / 2P
Three Phase Rectifier Bridge
More results

Similar Description - MB3000ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MA1200RW MPD-MA1200RW Datasheet
379Kb / 3P
2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
MA1500RW MPD-MA1500RW Datasheet
384Kb / 3P
2:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MB2000ERW MPD-MB2000ERW Datasheet
1Mb / 6P
Low Cost, 1 x 2 Inch 20W, 2:1 Input Range DC/DC Con vert ers
MB2000MRWRI4 MPD-MB2000MRWRI4 Datasheet
471Kb / 4P
Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MF3000TERU MPD-MF3000TERU Datasheet
1Mb / 4P
Wide 4:1 Input 30W Triple Output DC/DC Con vert ers
MI2500RU MPD-MI2500RU_17 Datasheet
852Kb / 7P
Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
MB1000ERU MPD-MB1000ERU Datasheet
846Kb / 4P
Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com