Electronic Components Datasheet Search
  English  ▼

X  

MB3000ERW Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MB3000ERW
Description  Low Cost, 1 x 2 Inch 30W, 2:1 Input Range DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB3000ERW Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MB3000ERW Datasheet HTML 1Page - MicroPower Direct, LLC MB3000ERW Datasheet HTML 2Page - MicroPower Direct, LLC MB3000ERW Datasheet HTML 3Page - MicroPower Direct, LLC MB3000ERW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
EMC Specifications
Parameter
Standard
Radiated Emissions
See Note 1
EN 55022
Class A
Conducted Emissions
See Note 1
EN 55022
Class A
ESD
EN 61000-4-2
Criteria B; ±4 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 2
EN 61000-4-4
Criteria B; ±2 kV
Surge
See Note 3
EN 61000-4-5
Criteria B; ±2 kV
CS
EN 61000-4-6
Criteria A; 3 Vrms
Voltage Dips
EN 61000-4-29
Criteria B; 0% - 70%
Typical Connection
The diagram above illustrates a typical connection of the MB3000ERW
series for applications that require meeting EMC standards. The units do not
require external components to operate as specified. Some notes on this
diagram (starting with the input circuit) are:
1. It is recommended that an external fuse be used.The recommended fuse
is shown in the model chart on page 2.
2. An external MOV is recommended on the input to protect the unit in the
event of a surge. A recommended value is given in the table at right.
3. An external TVS is recommended on the input to protect the unit in the
event of a voltage spike. A recommended value is given in the table at
right.
4. The output filtering capacitor (C4) is a high frequency, low resistance
electrolytic capacitor. Care must be taken in choosing this capacitor not
to exceed the capacitive load specification for the unit. Voltage derating
of capacitors should be 80% or above.
Notes:
1. All units are rated for EN 55022 (CE/RE) class A without external components.
They will meet class B with the addition of the MDCFM-xxW (or a similar discrete
filter circuit). Contact the factory for more information.
2. To meet the requirements of EN 61000-4-4 (±2 kV), external components are
needed.This can be done discretely, or with the addition of the MDCFM-xxW.
Contact the factory for more information.
3. To meet the requirements of EN 61000-4-5 (±2 kV), external components are
needed. This can be done discretely, or with the addition of the MDCFM-xxW.
Contact the factory for more information.
Typical Board Layout: With External Filter/Surge Components
5. Recommended values for components are:
Component
24 VIN
48 VIN
MOV
S14K35
S14K60
L1
56 µH
56 µH
TVS
SMCJ48A
SMCJ90A
C1
330 µF/50V
330 µF/100V
C2, C3
4.7 µF/50V
2.2 µF/100V
L2
1.0 mH
1.0 mH
CY1, CY2
1nF/2 kV
1nF/2 kV
C0
400 uF/200V
400 uF/200V
6. Input noise and surge suppression modules are available for a
number of MPD DC/DC power supplies. A connection for one of
these modules is illustrated in the typical board layout shown at
Typical Connection: With External Filter ModuleUnit
Vin
(VDC)
Input
Capacitor
Vout
(VDC)
Output
Capacitor
24
100 µF
3.3
220 µF
5.0
220 µF
48
100 µF
9.0
100 µF
12
100 µF
15
100 µF
24
47 µF
the bottom of this page For pricing or full technical information,please contact
the factory.
7. In many applications simply
adding input/output capaci-
tors will enhance the input
surge protection and reduce
output ripple sufficiently. The
input capacitor C1 and output
capacitor C4 shown in the
typical connection diagram above (& board layout
drawing below) illustrate their connection. Rec-
ommended capacitor values are given in the table.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com